Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADCS7477 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADCS7477
Description  1MSPS, 12-/10-/8-Bit A/D Converters in 6-Lead SOT-23
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADCS7477 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button ADCS7477 Datasheet HTML 5Page - National Semiconductor (TI) ADCS7477 Datasheet HTML 6Page - National Semiconductor (TI) ADCS7477 Datasheet HTML 7Page - National Semiconductor (TI) ADCS7477 Datasheet HTML 8Page - National Semiconductor (TI) ADCS7477 Datasheet HTML 9Page - National Semiconductor (TI) ADCS7477 Datasheet HTML 10Page - National Semiconductor (TI) ADCS7477 Datasheet HTML 11Page - National Semiconductor (TI) ADCS7477 Datasheet HTML 12Page - National Semiconductor (TI) ADCS7477 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
Timing Test Circuit
20057708
ADCS7476/ADCS7477/ADCS7478 Timing Specifications
The following specifications apply for V
DD = +2.7V to 5.25V, fSCLK = 20 MHz, Boldface limits apply for TA = −40˚C to +85˚C:
all other limits T
A = 25˚C, unless otherwise noted. (Note 9)
Symbol
Parameter
Conditions
Typical
Limits
Units
t
CONVERT
16xt
SCLK
t
QUIET
(Note 5)
50
ns (min)
t
1
Minimum CS Pulse Width
10
ns (min)
t
2
CS to SCLK Setup Time
10
ns (min)
t
3
Delay from CS Until SDATA
TRI-STATE® Disabled (Note 6)
20
ns (max)
t
4
Data Access Time after SCLK Falling
Edge(Note 7)
V
DD = +2.7 to +3.6
40
ns (max)
V
DD = +4.75 to +5.25
20
ns (max)
t
5
SCLK Low Pulse Width
0.4 x
t
SCLK
ns (min)
t
6
SCLK High Pulse Width
0.4 x
t
SCLK
ns (min)
t
7
SCLK to Data Valid Hold Time
V
DD = +2.7 to +3.6
7
ns (min)
V
DD = +4.75 to +5.25
5
ns (min)
t
8
SCLK Falling Edge to SDATA High
Impedance (Note 8)
V
DD = +2.7 to +3.6
25
ns (max)
6
ns (min)
V
DD = +4.75 to +5.25
25
ns (max)
5
ns (min)
t
POWER-UP
Power-Up Time from Full
Power-Down
1µs
Note 5: Minimum Quiet Time Required Between Bus Relinquish and Start of Next Conversion
Note 6: Measured with the load circuit shown above, and defined as the time taken by the output to cross 1.0V.
Note 7: Measured with the load circuit shown above, and defined as the time taken by the output to cross 1.0V or 2.0V.
Note 8: t8 is derived from the time taken by the outputs to change by 0.5V with the loading circuit shown above. The measured number is then adjusted to remove
the effects of charging or discharging the 25pF capacitor. This means t8 is the true bus relinquish time, independent of the bus loading.
Note 9: All input signals are specified as tr =tf = 5 ns (10% to 90% VDD) and timed from 1.6V.
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com