Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMP3028LSD-13 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMP3028LSD-13
Description  30V DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP3028LSD-13 Datasheet(HTML) 2 Page - Diodes Incorporated

  DMP3028LSD-13 Datasheet HTML 1Page - Diodes Incorporated DMP3028LSD-13 Datasheet HTML 2Page - Diodes Incorporated DMP3028LSD-13 Datasheet HTML 3Page - Diodes Incorporated DMP3028LSD-13 Datasheet HTML 4Page - Diodes Incorporated DMP3028LSD-13 Datasheet HTML 5Page - Diodes Incorporated DMP3028LSD-13 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DMP3028LSD
Document number: DS35966 Rev. 3 - 2
2 of 6
www.diodes.com
June 2013
© Diodes Incorporated
DMP3028LSD
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
-30
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current (Note 5) VGS = 10V
Steady
State
TA = +25°C
TA = +70°C
ID
-6
-4.7
A
t<10s
TA = +25°C
TA = +70°C
ID
-7.4
-5.8
A
Maximum Body Diode Forward Current (Note 6)
IS
-2.5
A
Pulsed Drain Current (10µs Pulse, Duty Cycle = 1%)
IDM
-30
A
Thermal Characteristics
Characteristic
Symbol
Value
Units
Total Power Dissipation (Note 5)
TA = +25°C
PD
1.3
W
TA = +70°C
0.8
Thermal Resistance, Junction to Ambient (Note 5)
Steady state
R
ΘJA
102
°C/W
t<10s
61
Total Power Dissipation (Note 6)
TA = +25°C
PD
1.7
W
TA = +70°C
1.1
Thermal Resistance, Junction to Ambient (Note 6)
Steady state
R
ΘJA
75
°C/W
t<10s
50
Thermal Resistance, Junction to Case (Note 6)
R
ΘJC
14.5
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 7)
Drain-Source Breakdown Voltage
BVDSS
-30
—
—
V
VGS = 0V, ID = -250µA
Zero Gate Voltage Drain Current
IDSS
—
—
-1
µA
VDS = -30V, VGS = 0V
Gate-Source Leakage
IGSS
—
—
±100
nA
VGS =±20V, VDS = 0V
ON CHARACTERISTICS (Note 7)
Gate Threshold Voltage
VGS(th)
-1
—
-3
V
VDS = VGS, ID = -250µA
Static Drain-Source On-Resistance
RDS(ON)
—
20
25
m
Ω
VGS = -10V, ID = -7A
—
29
38
VGS = -4.5V, ID = -5.5A
Forward Transfer Admittance
|Yfs|
—
11
—
S
VDS = -5V, ID = -7A
Diode Forward Voltage
VSD
—
0.7
1.2
V
VGS = 0V, IS = -2.1A
DYNAMIC CHARACTERISTICS (Note 8)
Input Capacitance
Ciss
—
1241
—
pF
VDS = -15V, VGS = 0V
f = 1.0MHz
Output Capacitance
Coss
—
147
—
Reverse Transfer Capacitance
Crss
—
110
—
Gate Resistance
RG
—
15
—
Ω
VDS = 0V, VGS = 0V, f = 1.0MHz
Total Gate Charge (VGS = -4.5V)
Qg
—
22
—
nC
VDS = -15V, ID = -7A
Total Gate Charge (VGS = -10V)
Qg
—
10.9
—
Gate-Source Charge
Qgs
—
3.5
—
Gate-Drain Charge
Qgd
—
4.7
—
Turn-On Delay Time
tD(on)
—
9.7
—
nS
VGS = -10V, VDD = -15V, RGEN = 6Ω,
ID = -7A
Turn-On Rise Time
tr
—
17.1
—
Turn-Off Delay Time
tD(off)
—
60.5
—
Turn-Off Fall Time
tf
—
40.4
—
Notes:
5. Device mounted on FR-4 substrate PC board, 2oz copper, with minimum recommended pad layout.
6. Device mounted on FR-4 substrate PC board, 2oz copper, with 1inch square copper plate.
7. Short duration pulse test used to minimize self-heating effect.
8. Guaranteed by design. Not subject to product testing.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com