Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMP3028LSD-13 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMP3028LSD-13
Description  30V DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP3028LSD-13 Datasheet(HTML) 4 Page - Diodes Incorporated

  DMP3028LSD-13 Datasheet HTML 1Page - Diodes Incorporated DMP3028LSD-13 Datasheet HTML 2Page - Diodes Incorporated DMP3028LSD-13 Datasheet HTML 3Page - Diodes Incorporated DMP3028LSD-13 Datasheet HTML 4Page - Diodes Incorporated DMP3028LSD-13 Datasheet HTML 5Page - Diodes Incorporated DMP3028LSD-13 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
DMP3028LSD
Document number: DS35966 Rev. 3 - 2
4 of 6
www.diodes.com
June 2013
© Diodes Incorporated
DMP3028LSD
0.01
0.02
0.03
0.04
0.05
0
-50
-25
0
25
50
75
100
125
150
T , JUNCTION TEMPERATURE ( C)
J
°
Figure 7 On-Resistance Variation with Temperature
V
= -10V
I=
A
GS
D
-10
V
= 5.0V
I=
A
GS
D
-
-5.0
-50
-25
0
25
50
75
100
125 150
T , AMBIENT TEMPERATURE (°C)
Figure 8 Gate Threshold Variation vs. Ambient Temperature
A
0.5
1.0
1.5
2.0
2.5
3.0
0
-I = 1mA
D
-I = 250µA
D
0
0.2
0.4
0.6
0.8
1.0
1.2
10
15
20
0
5
-V
, SOURCE-DRAIN VOLTAGE (V)
Figure 9 Diode Forward Voltage vs. Current
SD
T = 25 C
A
°
T = -55 C
A
°
T = 85 C
A
°
T = 125 C
A
°
T = 150 C
A
°



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com