| Electronic Components Datasheet Search |
|
DP8390D Datasheet(PDF) 8 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DP8390D Datasheet(HTML) 8 Page - National Semiconductor (TI) |
|
8 / 56 page ![]() 70 Packet Reception (Continued) for storing packets is controlled by Buffer Management Log- ic in the NIC The Buffer Management Logic provides three basic functions linking receive buffers for long packets re- covery of buffers when a packet is rejected and recircula- tion of buffer pages that have been read by the host At initialization a portion of the 64k byte (or 32k word) ad- dress space is reserved for the receive buffer ring Two eight bit registers the Page Start Address Register (PSTART) and the Page Stop Address Register (PSTOP) define the physical boundaries of where the buffers reside The NIC treats the list of buffers as a logical ring whenever the DMA address reaches the Page Stop Address the DMA is reset to the Page Start Address INITIALIZATION OF THE BUFFER RING Two static registers and two working registers control the operation of the Buffer Ring These are the Page Start Reg- ister Page Stop Register (both described previously) the Current Page Register and the Boundary Pointer Register The Current Page Register points to the first buffer used to store a packet and is used to restore the DMA for writing status to the Buffer Ring or for restoring the DMA address in the event of a Runt packet a CRC or Frame Alignment error The Boundary Register points to the first packet in the Ring not yet read by the host If the local DMA address ever reaches the Boundary reception is aborted The Boundary Pointer is also used to initialize the Remote DMA for remov- ing a packet and is advanced when a packet is removed A simple analogy to remember the function of these registers is that the Current Page Register acts as a Write Pointer and the Boundary Pointer acts as a Read Pointer Note 1 At initialization the Page Start Register value should be loaded into both the Current Page Register and the Boundary Pointer Register Note 2 The Page Start Register must not be initialized to 00H Receive Buffer Ring At Initialization TLF8582 – 30 BEGINNING OF RECEPTION When the first packet begins arriving the NIC begins storing the packet at the location pointed to by the Current Page Register An offset of 4 bytes is saved in this first buffer to allow room for storing receive status corresponding to this packet Received Packet Enters Buffer Pages TLF8582 – 31 LINKING RECEIVE BUFFER PAGES If the length of the packet exhausts the first 256 byte buffer the DMA performs a forward link to the next buffer to store the remainder of the packet For a maximal length packet the buffer logic will link six buffers to store the entire packet Buffers cannot be skipped when linking a packet will always be stored in contiguous buffers Before the next buffer can be linked the Buffer Management Logic performs two com- parisons The first comparison tests for equality between the DMA address of the next buffer and the contents of the Page Stop Register If the buffer address equals the Page Stop Register the buffer management logic will restore the DMA to the first buffer in the Receive Buffer Ring value programmed in the Page Start Address Register The sec- ond comparison tests for equality between the DMA ad- dress of the next buffer address and the contents of the Boundary Pointer Register If the two values are equal the reception is aborted The Boundary Pointer Register can be used to protect against overwriting any area in the receive buffer ring that has not yet been read When linking buffers buffer management will never cross this pointer effectively avoiding any overwrites If the buffer address does not match either the Boundary Pointer or Page Stop Address the link to the next buffer is performed Linking Buffers Before the DMA can enter the next contiguous 256 byte buffer the address is checked for equality to PSTOP and to the Boundary Pointer If neither are reached the DMA is allowed to use the next buffer Linking Receive Buffer Pages 1) Check for e to PSTOP 2) Check for e to Boundary TLF8582 – 32 8 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |