Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP8390D Datasheet(PDF) 48 Page - Texas Instruments

Part # DP8390D
Description  NIC Network Interface Controller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP8390D Datasheet(HTML) 48 Page - Texas Instruments

Back Button DP8390D Datasheet HTML 44Page - Texas Instruments DP8390D Datasheet HTML 45Page - Texas Instruments DP8390D Datasheet HTML 46Page - Texas Instruments DP8390D Datasheet HTML 47Page - Texas Instruments DP8390D Datasheet HTML 48Page - Texas Instruments DP8390D Datasheet HTML 49Page - Texas Instruments DP8390D Datasheet HTML 50Page - Texas Instruments DP8390D Datasheet HTML 51Page - Texas Instruments DP8390D Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 58 page
background image
150 Switching Characteristics (Continued)
Wait State Insertion
TLF8582 – 45
Symbol
Parameter
Min
Max
Units
ews
External Wait Setup to T3
v Clock
10
ns
(Note 1)
ewr
External Wait Release Time
15
ns
(Note 1)
Note 1
The addition of wait states affects the count of deserialized bytes and is limited to a number of bus clock cycles depending on the bus clock and network
rates The allowable wait states are found in the table below (Assumes 10 Mbitsec data rate)
BSCK (MHz)
of Wait States
Byte Transfer
Word Transfer
80
1
10
0
1
12
1
2
14
1
2
16
1
3
18
2
3
20
2
4
Table assumes 10 MHz network clock
The number of allowable wait states in byte mode can be calculated using
W(byte mode) e
 8tnw
45 tbsck
b
1
J
W
e
Number of Wait States
tnw
e
Network Clock Period
tbsck
e
BSCK Period
The number of allowable wait states in word mode can be calculated using
W(word mode) e
 5tnw
2 tbsck
b
1
J
47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com