Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP8390D Datasheet(PDF) 53 Page - Texas Instruments

Part # DP8390D
Description  NIC Network Interface Controller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP8390D Datasheet(HTML) 53 Page - Texas Instruments

Back Button DP8390D Datasheet HTML 49Page - Texas Instruments DP8390D Datasheet HTML 50Page - Texas Instruments DP8390D Datasheet HTML 51Page - Texas Instruments DP8390D Datasheet HTML 52Page - Texas Instruments DP8390D Datasheet HTML 53Page - Texas Instruments DP8390D Datasheet HTML 54Page - Texas Instruments DP8390D Datasheet HTML 55Page - Texas Instruments DP8390D Datasheet HTML 56Page - Texas Instruments DP8390D Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 58 page
background image
150 Switching Characteristics (Continued)
Serial TimingReceive (Beginning of Frame)
TLF8582 – 88
Symbol
Parameter
Min
Max
Units
rch
Receive Clock High Time
40
ns
rcl
Receive Clock Low Time
40
ns
rcyc
Receive Clock Cycle Time
80
120
ns
rds
Receive Data Setup Time to
20
ns
Receive Clock High (Note 1)
rdh
Receive Data Hold Time from
17
ns
Receive Clock High
pts
First Preamble Bit to Synch
8
rcyc
(Note 2)
cycles
Note 1
All bits entering NIC must be properly decoded if the PLL is still locking the clock to the NIC should be disabled or CRS delayed Any two sequential 1 data
bits will be interpreted as Synch
Note 2
This is a minimum requirement which allows reception of a packet
Serial TimingReceive (End of Frame)
TLF8582 – 89
Symbol
Parameter
Min
Max
Units
rxrck
Minimum Number of Receive Clocks
5
rcyc
after CRS Low (Note 1)
cycles
tdrb
Maximum of Allowed Dribble BitsClocks
3
rcyc
(Note 2)
cycles
tifg
Receive Recovery Time
40
rcyc
(Notes 45)
cycles
tcrsl
Receive Clock to Carrier Sense Low
01
rcyc
(Note 3)
cycles
Note 1
The NIC requires a minimum number of receive clocks following the de-assertion of carrier sense (CRS) These additional clocks are provided by the
DP8391 SNI If other decoderPLLs are being used additional clocks should be provided Short clocks or glitches are not allowed
Note 2
Up to 5 bits of dribble bits can be tolerated without resulting in a receive error
Note 3
Guarantees to only load bit N additional bits up to tdrb can be tolerated
Note 4
This is the time required for the receive state machine to complete end of receive processing This parameter is not measured but is guaranteed by design
This is not a measured parameter but is a design requirement
Note 5
CRS must remain de-asserted for a minimum of 2 RXC cycles to be recognized as end of carrier
52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com