Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAVCB164245MDGGREP Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # CAVCB164245MDGGREP
Description  16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CAVCB164245MDGGREP Datasheet(HTML) 2 Page - Texas Instruments

  CAVCB164245MDGGREP Datasheet HTML 1Page - Texas Instruments CAVCB164245MDGGREP Datasheet HTML 2Page - Texas Instruments CAVCB164245MDGGREP Datasheet HTML 3Page - Texas Instruments CAVCB164245MDGGREP Datasheet HTML 4Page - Texas Instruments CAVCB164245MDGGREP Datasheet HTML 5Page - Texas Instruments CAVCB164245MDGGREP Datasheet HTML 6Page - Texas Instruments CAVCB164245MDGGREP Datasheet HTML 7Page - Texas Instruments CAVCB164245MDGGREP Datasheet HTML 8Page - Texas Instruments CAVCB164245MDGGREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
DGG PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
1DIR
1B1
1B2
GND
1B3
1B4
VCCB
1B5
1B6
GND
1B7
1B8
2B1
2B2
GND
2B3
2B4
VCCB
2B5
2B6
GND
2B7
2B8
2DIR
1OE
1A1
1A2
GND
1A3
1A4
VCCA
1A5
1A6
GND
1A7
1A8
2A1
2A2
GND
2A3
2A4
VCCA
2A5
2A6
GND
2A7
2A8
2OE
SN74AVCB164245-EP
SCES845A – JANUARY 2013 – REVISED FEBRUARY 2013
www.ti.com
Table 1. ORDERING INFORMATION(1)
TA
PACKAGE
ORDERABLE PART NUMBER
TOP-SIDE MARKING
VID NUMBER
Reel of 2000
CAVCB164245MDGGREP
V62/13602-01XE
–55°C to 125°C
TSSOP-DGG
AVCB164245M
Tube of 40
CAVCB164245MDGGEP
V62/13602-01XE-T
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
TERMINAL ASSIGNMENTS
FUNCTION TABLE
(EACH 8-BIT SECTION)
INPUTS
OPERATION
OE
DIR
L
L
B data to A bus
L
H
A data to B bus
H
X
Isolation
2
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: SN74AVCB164245-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com