Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAVCB164245MDGGREP Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # CAVCB164245MDGGREP
Description  16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CAVCB164245MDGGREP Datasheet(HTML) 8 Page - Texas Instruments

Back Button CAVCB164245MDGGREP Datasheet HTML 4Page - Texas Instruments CAVCB164245MDGGREP Datasheet HTML 5Page - Texas Instruments CAVCB164245MDGGREP Datasheet HTML 6Page - Texas Instruments CAVCB164245MDGGREP Datasheet HTML 7Page - Texas Instruments CAVCB164245MDGGREP Datasheet HTML 8Page - Texas Instruments CAVCB164245MDGGREP Datasheet HTML 9Page - Texas Instruments CAVCB164245MDGGREP Datasheet HTML 10Page - Texas Instruments CAVCB164245MDGGREP Datasheet HTML 11Page - Texas Instruments CAVCB164245MDGGREP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
SN74AVCB164245-EP
SCES845A – JANUARY 2013 – REVISED FEBRUARY 2013
www.ti.com
Switching Characteristics
TA = −40°C to 85°C, VCCA = 1.5 V ± 0.1 V (see )
VCCB = 1.5 V
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3.3 V
FROM
TO
± 0.1 V
± 0.15 V
± 0.2 V
± 0.3 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
A
B
1.7
6.7
1.9
6.3
1.8
5.5
1.7
5.8
tpd
ns
B
A
1.8
6.8
2.2
7.4
2.1
7.6
2.1
7.3
A
2.5
8.4
2.4
7.4
2.1
5.2
1.9
4.2
ten
OE
ns
B
2.1
9
2.9
9.8
3.2
10
3
9.8
A
2.2
6.9
2.3
6.1
1.3
3.6
1.3
3
tdis
OE
ns
B
2.1
7.1
2.3
6.4
1.7
5.1
1.6
4.8
SWITCHING CHARACTERISTICS
TA = −55°C to 125°C, VCCA = 1.5 V ± 0.1 V (see Figure 4)
VCCB = 1.5 V
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3.3 V
FROM
TO
± 0.1 V
± 0.15 V
± 0.2 V
± 0.3 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
A
B
12.7
12.3
11.5
11.8
tpd
ns
B
A
12.8
13.4
13.6
13.3
A
14.8
13.9
12.4
11.9
ten
OE
ns
B
15
15.8
16
15.8
A
12.9
12.1
9.6
9
tdis
OE
ns
B
13.1
12.4
11.1
10.8
Switching Characteristics
TA = −40°C to 85°C, VCCA = 1.8 V ± 0.15 V (see )
VCCB = 1.5 V
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3.3 V
FROM
TO
± 0.1 V
± 0.15 V
± 0.2 V
± 0.3 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
A
B
1.7
6.7
1.8
6
1.7
4.7
1.6
4.3
tpd
ns
B
A
1.4
5.5
1.8
6
1.8
5.8
1.8
5.5
A
2.6
8.5
2.5
7.5
2.2
5.3
1.9
4.2
ten
OE
ns
B
1.8
7.6
2.6
7.7
2.6
7.6
2.6
7.4
A
2.3
7
2.3
6.1
1.3
3.6
1.3
3
tdis
OE
ns
B
1.8
7
2.5
6.3
1.8
4.7
1.7
4.4
SWITCHING CHARACTERISTICS
TA = −55°C to 125°C, VCCA = 1.8 V ± 0.15 V (see Figure 4)
VCCB = 1.5 V
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3.3 V
FROM
TO
± 0.1 V
± 0.15 V
± 0.2 V
± 0.3 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
A
B
12.7
12
10.7
10.3
tpd
ns
B
A
11.5
12
11.8
11.5
A
14.5
13.5
12.1
11.9
ten
OE
ns
B
13.6
13.7
13.6
13.4
A
13
12.1
9.6
9
tdis
OE
ns
B
13
12.3
10.7
10.4
8
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: SN74AVCB164245-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com