Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMGA-461/883 Datasheet(PDF) 8 Page - Interpoint Corporation Company

Part # FMGA-461/883
Description  FMSA/FMGA EMI Input Filters 28 Volt Input - 0.8 AMP
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

FMGA-461/883 Datasheet(HTML) 8 Page - Interpoint Corporation Company

Back Button FMGA-461/883 Datasheet HTML 4Page - Interpoint Corporation Company FMGA-461/883 Datasheet HTML 5Page - Interpoint Corporation Company FMGA-461/883 Datasheet HTML 6Page - Interpoint Corporation Company FMGA-461/883 Datasheet HTML 7Page - Interpoint Corporation Company FMGA-461/883 Datasheet HTML 8Page - Interpoint Corporation Company FMGA-461/883 Datasheet HTML 9Page - Interpoint Corporation Company FMGA-461/883 Datasheet HTML 10Page - Interpoint Corporation Company FMGA-461/883 Datasheet HTML 11Page - Interpoint Corporation Company FMGA-461/883 Datasheet HTML 12Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
FMSA-461 SERIES / FMGA-461 SERIES
ALL MODELS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
LEAD SOLDERING TEMPERATURE 1
10 seconds max.
300
°C
STORAGE TEMPERATURE 1
-65
+150
°C
CASE OPERATING TEMPERATURE 1, 2
-55
+125
°C
ISOLATION, ANY PIN TO CASE
@ 500 VDC AT 25°C
100
Megohms
Notes
1. Guaranteed by characterization test and/or analysis. Not a production test.
2. Derate linearly from 100% at 100°C to 0.60 amps at 125°C. Above 125°C derate to 0%.
Notes
1. Guaranteed by characterization test and/or analysis. Not a production test.
2. Derate linearly from 100% at 100°C to 0.60 amps at 125°C. Above 125°C derate to 0%.
FMSA-461
FMGA-461
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
INPUT VOLTAGE 1
CONTINUOUS
0
28
50
0
28
50
V
TRANSIENT 100 ms 1
80
80
V
INPUT CURRENT 1, 2
STEADY STATE
0.80
0.80
A
NOISE REJECTION
500 kHz, TC = 25°C
55
70
55
70
500 kHz, TC = +55 to 125°C
50
70
50
70
1 MHz, TC = 25°C
54
70
54
70
dB
1 MHz, TC = +55 to 125°C
50
70
50
70
5 MHz, TC = 25°C
50
50
5 MHz, TC = +55 to 125°C
45
45
COMMON MODE NOISE
REJECTION 1
2 to 50 MHz, TC = 25°C
40
40
dB
DC RESISTANCE (RDC)
TC = 25°C
1.2
1.2
Ω
CAPACITANCE
ANY PIN TO CASE TC = 25°C
22
31
36
45
nF
OUTPUT VOLTAGE 1
STEADY STATE
VOUT = VIN - IIN(RDC)
VOUT = VIN - IIN(RDC)
V
INTERNAL POWER DISSIPATION 1
MAXIMUM CURRENT TC = 25°C
0.77
0.77
W
table 11: Operating COnDitiOns, 25°C Case.
table 12: eleCtriCal CharaCteristiCs: -55 tO +125°C Case, unless Otherwise speCiFieD.
Crane Aerospace & Electronics Power Solutions
FMSA/FMGA eMi input Filters
28 VOlt iNput - 0.8 AMp
www.craneae.com/interpointcom
Page 8 of 14
FMSA/FMGA Rev AA - 2015.12.15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com