Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMGA-461/883 Datasheet(PDF) 10 Page - Interpoint Corporation Company

Part # FMGA-461/883
Description  FMSA/FMGA EMI Input Filters 28 Volt Input - 0.8 AMP
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

FMGA-461/883 Datasheet(HTML) 10 Page - Interpoint Corporation Company

Back Button FMGA-461/883 Datasheet HTML 6Page - Interpoint Corporation Company FMGA-461/883 Datasheet HTML 7Page - Interpoint Corporation Company FMGA-461/883 Datasheet HTML 8Page - Interpoint Corporation Company FMGA-461/883 Datasheet HTML 9Page - Interpoint Corporation Company FMGA-461/883 Datasheet HTML 10Page - Interpoint Corporation Company FMGA-461/883 Datasheet HTML 11Page - Interpoint Corporation Company FMGA-461/883 Datasheet HTML 12Page - Interpoint Corporation Company FMGA-461/883 Datasheet HTML 13Page - Interpoint Corporation Company FMGA-461/883 Datasheet HTML 14Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
typiCal perFOrmanCe plOts: 25°C Case, 28 Vin, 100% lOaD, Free run, unless Otherwise speCiFieD.
FOr reFerenCe Only, nOt guaranteeD speCiFiCatiOns.
FREQUENCY (MHz)
0.1
1
10
50
90
80
70
60
50
40
30
20
10
0
.015
100
NARROWBAND
CE03
LIMIT
Two MGA2805S converters at full load, no filtering.
Typical power line spectral noise current.
FREQUENCY (MHz)
0.1
1
10
50
90
80
70
60
50
40
30
20
10
0
.015
CE03
LIMIT
NARROWBAND
Two MGA2805S converters at full load with FMGA-461 filtering.
Typical power line spectral noise current.
FREQUENCY (MHz)
0.1
1
10
50
90
80
70
60
50
40
30
20
10
0
.015
100
CE03
LIMIT
NARROWBAND
Two MGH2805S converters at full load, no filtering.
Typical power line spectral noise current.
FREQUENCY (MHz)
0.1
1
10
50
90
80
70
60
50
40
30
20
10
0
.015
NARROWBAND
CE03
LIMIT
Two MGH2805S converters at full load with FMGA-461 filtering.
Typical power line spectral noise current.
FREQUENCY (Hz)
10K
100K
1M
10.0
3.2
1.0
0.32
0.10
1K
2 µF external capacitor on filter output
Typical Output Impedance (Z)
With Input Shorted - FMGA
Fmga emi Filters
Figure 10
Figure 11
Figure 12
Figure 13
Figure 14
Crane Aerospace & Electronics Power Solutions
FMSA/FMGA eMi input Filters
28 VOlt iNput - 0.8 AMp
www.craneae.com/interpointcom
Page 10 of 14
FMSA/FMGA Rev AA - 2015.12.15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com