Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCH2805S/883 Datasheet(PDF) 5 Page - Interpoint Corporation Company

Part # MCH2805S/883
Description  MCH/MGH Single and Dual DC-DC Converters 28 Volt input ??1.5 Watt
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MCH2805S/883 Datasheet(HTML) 5 Page - Interpoint Corporation Company

  MCH2805S/883 Datasheet HTML 1Page - Interpoint Corporation Company MCH2805S/883 Datasheet HTML 2Page - Interpoint Corporation Company MCH2805S/883 Datasheet HTML 3Page - Interpoint Corporation Company MCH2805S/883 Datasheet HTML 4Page - Interpoint Corporation Company MCH2805S/883 Datasheet HTML 5Page - Interpoint Corporation Company MCH2805S/883 Datasheet HTML 6Page - Interpoint Corporation Company MCH2805S/883 Datasheet HTML 7Page - Interpoint Corporation Company MCH2805S/883 Datasheet HTML 8Page - Interpoint Corporation Company MCH2805S/883 Datasheet HTML 9Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
ALLMODELS
PARAMETER
CONDITIONS
MIN
TYP
MAx
UNITS
LEADSOLDERINGTEMPERATURE1
10SECONDSMAx.
300
°C
SURFACEMOUNTSOLDERREFLOW1,2
SN60,62OR63RECOMMENDED
220°Cformax.of30seconds
STORAGETEMPERATURE1
-65
+150
°C
CASEOPERATING
FULLPOWER
-55
+125
°C
TEMPERATURE
ABSOLUTE1
-55
+135
DERATINGOUTPUTPOWER/CURRENT1
LINEARLY
From100%at125°Cto0%at135°C
ISOLATION,ANYPINTOCASE
ExCEPTCASEPIN
@500VDCAT25°C
100
Megohms
INPUTTOOUTPUTCAPACITANCE1
100-170
pF
UNDERVOLTAGELOCKOUT1
8
VIN
CURRENTLIMIT1,3
%OFFULLLOAD
125
%
AUDIOREJECTION1
40
dB
CONVERSIONFREQUENCY
FREERUN
-55°TO+125°C
270
370
470
kHz
INHIBITACTIVELOW(OUTPUTDISABLED) INHIBITPINPULLEDLOW
0.8
VDC
Donotapplyavoltagetotheinhibitpin.4
INHIBITPINSOURCECURRENT1
1
mA
REFERENCEDTO
INPUTCOMMON
INHIBITACTIVEHIGH(OUTPUTENABLED)
Donotapplyavoltagetotheinhibitpin.4
INHIBITPINCONDITION
OPENCOLLECTOROR
UNCONNECTED
OPENPINVOLTAGE1
7
12
V
Notes:
1.Guaranteedbyqualificationtestand/oranalysis.Notanin-linetest.
2.See“Figure23:MGHGull-WingSolderPadLayout”onpage11formoreinformation
3.Dualoutputs:Theover-currentlimitwilltriggerwhenthesumofthecurrentsfrombothoutputsreaches125%(typicalvalue)ofthemaximum
rated“total”currentofbothoutputs.
4.Anexternalinhibitinterfaceshouldbeusedtopulltheinhibitloworleaveitfloating.Theinhibitpincanbeleftunconnectedifnotused.
tabLe 8: oPerating ConDitions, aLL MoDeLs : 25°C tC, 28 vDC vin, 100% LoaD, unLess otherwise sPeCiFieD.
Crane Aerospace & Electronics Power Solutions
MCH/MGH Single and Dual DC-DC Converters
Page5of13
28 Volt input – 1.5 Watt
www.interpoint.com
MCH_MGHRevAB-2013.05.31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com