Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCH2805S/883 Datasheet(PDF) 6 Page - Interpoint Corporation Company

Part # MCH2805S/883
Description  MCH/MGH Single and Dual DC-DC Converters 28 Volt input ??1.5 Watt
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MCH2805S/883 Datasheet(HTML) 6 Page - Interpoint Corporation Company

Back Button MCH2805S/883 Datasheet HTML 2Page - Interpoint Corporation Company MCH2805S/883 Datasheet HTML 3Page - Interpoint Corporation Company MCH2805S/883 Datasheet HTML 4Page - Interpoint Corporation Company MCH2805S/883 Datasheet HTML 5Page - Interpoint Corporation Company MCH2805S/883 Datasheet HTML 6Page - Interpoint Corporation Company MCH2805S/883 Datasheet HTML 7Page - Interpoint Corporation Company MCH2805S/883 Datasheet HTML 8Page - Interpoint Corporation Company MCH2805S/883 Datasheet HTML 9Page - Interpoint Corporation Company MCH2805S/883 Datasheet HTML 10Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
MCH2805S
MCH2812S
MCH2815S
MCH/MGHSINGLEOUTPUTMODELS
MGH2805S
MGH2812S
MGH2815S
UNITS
PARAMETER
CONDITIONS
MIN
TYP
MAx
MIN
TYP
MAx
MIN
TYP
MAx
OUTPUTVOLTAGE2
4.80
5.00
5.20
11.52 12.00 12.48 14.40 15.00 15.60
VDC
OUTPUTCURRENT
VIN=12to50VDC
0
300
0
125
0
100
mA
OUTPUTPOWER
VIN=12to50VDC
0
1.5
0
1.5
0
1.5
W
OUTPUTRIPPLE
TC=25°C
45
150
50
200
35
150
mVp-p
10KHZ-2MHZ
TC=-55°CTO+125°C
65
300
70
300
50
250
LINEREGULATION
VIN=12TO50VDC
40
120
70
250
80
350
mV
LOADREGULATION3
10%LOADTOFULL
380
800
640
1400
760
1600
mV
INPUTVOLTAGE
CONTINUOUS
12
28
50
12
28
50
12
28
50
VDC
NOLOADTOFULL
TRANSIENT1120msec.
80
80
70
V
INPUTCURRENT
NOLOAD
6.0
11
6.5
12
6.5
12
mA
INHIBITED
2.4
3.5
2.4
3.5
2.4
3.5
INPUTRIPPLECURRENT4 10kHz-10MHz
130
250
150
250
150
250
mAp-p
EFFICIENCY
TC=25°C
72
77
74
79
74
79
%
TC=-55°CTO+125°C
69
75
72
77
72
77
LOADFAULT5,6
POWERDISSIPATION
1.4
2.3
2.2
3.5
2.5
4.0
W
SHORTCIRCUIT
RECOVERY1
3.5
15
3.5
20
4.0
20
ms
STEPLOADRESPONSE7
TRANSIENT
±185
±500
±380
±800
±380
±800
mVpk
50%-100%-50%
RECOVERY
125
600
130
600
180
750
µs
STEPLINERESPONSE1,7 TRANSIENT
180
±500
±400 ±1000
±450
±850
mVpk
12-50-12VDC
RECOVERY
0.75
4.0
0.6
3.0
0.5
2.5
ms
START-UP
DELAY
10
40
10
40
10
40
ms
0-28VIN,FULLLOAD
OVERSHOOT1
0
150
0
350
0
450
mVpk
CAPACITIVELOAD1
TC=25°C
NOEFFECTONDC
PERFORMANCE
200
200
200
µF
Notes:
1.Guaranteedbyqualificationtestand/oranalysis.Notanin-linetest.
2.Specifiedat50%totalPout.
3.Althoughnominimumloadisrequired,atnoloadtheoutputvoltagemay
increaseupto15%.
4.Anexternal2µHinductor,addedinseriestotheinput,isnecessarytomaintain
specifications.
5.Maximumdurationofshortcircuit:25°C–90seconds,125°C–30seconds.
6.Loadfaultisashortcircuit(<50mohms).Recoveryisintoresistivefullload.
7.Transition≥10µs.Recovery=timetosettletowithin1%ofVoutfinalvalue.
tabLe 9: eLeCtriCaL CharaCteristiCs: -55°C to +125°C tC, 28 vDC vin, 100% LoaD, Free run, unLess otherwise sPeCiFieD.
Crane Aerospace & Electronics Power Solutions
MCH/MGH Single and Dual DC-DC Converters
Page6of13
28 Volt input – 1.5 Watt
www.interpoint.com
MCH_MGHRevAB-2013.05.31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com