Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MHV2815S/883 Datasheet(PDF) 18 Page - Interpoint Corporation Company

Part # MHV2815S/883
Description  MHV Single, Dual and Triple DC-DC Converters
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MHV2815S/883 Datasheet(HTML) 18 Page - Interpoint Corporation Company

Back Button MHV2815S/883 Datasheet HTML 13Page - Interpoint Corporation Company MHV2815S/883 Datasheet HTML 14Page - Interpoint Corporation Company MHV2815S/883 Datasheet HTML 15Page - Interpoint Corporation Company MHV2815S/883 Datasheet HTML 16Page - Interpoint Corporation Company MHV2815S/883 Datasheet HTML 17Page - Interpoint Corporation Company MHV2815S/883 Datasheet HTML 18Page - Interpoint Corporation Company MHV2815S/883 Datasheet HTML 19Page - Interpoint Corporation Company MHV2815S/883 Datasheet HTML 20Page - Interpoint Corporation Company MHV2815S/883 Datasheet HTML 21Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
Figure 31: Case J1 - mhv triPle
0.040 dia.
(1.02)
Seam Seal
10
9
8
7
6
1
2
3
4
5
0.170
(4.32)
0.000
1.170 (29.72)
0.670
(17.02)
Flanged cases: Designator "F" required in Case Option position of model number.
BOTTOM VIEW CASE J1
Sharp corner and dot on top
of case indicate pin one.
(2.720 max (69.09))
1.350 max. (34.29)
Weight: 60 grams maximum
Case dimensions in inches (mm)
Tolerance ±0.005 (0.13) for three decimal places
±0.01 (0.3) for two decimal places
unless otherwise specified
CAUTION
Heat from reflow or wave soldering may damage the device.
Solder pins individually with heat application not exceeding 300°C for 10 seconds
per pin.
Materials
Header
Cold Rolled Steel/Nickel/Gold
Cover
Kovar/Nickel
Pins
#52 alloy/Gold ceramic seal
Gold plating of 50 - 150 microinches included in pin diameter
Seal hole 0.120 ±0.002 (3.05 ± 0.05)
Case J1 MHV T F, Rev G, 2014.09.11
Please refer to the numerical dimensions for accuracy.
2 x R 0.170 (4.32)
2 x Dia 0.162 ±0.002
(4.11 ±0.05)
Flange thickness: 0.060 (1.52)
Base Plate Detail, Edge View
top of header
Crane Aerospace & Electronics Power Solutions
www.craneae.com/interpoint
Page 18 of 21
MHV Rev AC - 2015.01.23
mHV single, dual and triple dc-dc converters
28 Volt input – 15 Watt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com