Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MHV2815S/883 Datasheet(PDF) 19 Page - Interpoint Corporation Company

Part # MHV2815S/883
Description  MHV Single, Dual and Triple DC-DC Converters
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MHV2815S/883 Datasheet(HTML) 19 Page - Interpoint Corporation Company

Back Button MHV2815S/883 Datasheet HTML 13Page - Interpoint Corporation Company MHV2815S/883 Datasheet HTML 14Page - Interpoint Corporation Company MHV2815S/883 Datasheet HTML 15Page - Interpoint Corporation Company MHV2815S/883 Datasheet HTML 16Page - Interpoint Corporation Company MHV2815S/883 Datasheet HTML 17Page - Interpoint Corporation Company MHV2815S/883 Datasheet HTML 18Page - Interpoint Corporation Company MHV2815S/883 Datasheet HTML 19Page - Interpoint Corporation Company MHV2815S/883 Datasheet HTML 20Page - Interpoint Corporation Company MHV2815S/883 Datasheet HTML 21Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
0.155 (3.94)
0.955 (24.26)
0.040 dia ±0.002
(1.02 dia ±0.05)
Seam Seal
Flange thickness: 0.060 (1.52)
0.000
1.115 max. (28.32)
1
2
6
10
Flanged cases: Designator “F” required in Case Option position of model number.
BOTTOM VIEW CASE K3
3
4
5
7
8
9
0.555 (14.1)
Dot on top of case indicates pin one
Base Plate Detail, Edge View
top of header
Weight: 60 grams maximum
Case dimensions in inches (mm)
Tolerance ±0.005 (0.13) for three decimal places
±0.01 (0.3) for two decimal places
unless otherwise specified
CAUTION
Heat from reflow or wave soldering may damage the device. Solder pins
individually with heat application not exceeding 300°C for 10 seconds per pin.
Materials
Header
Cold Rolled Steel/Nickel/Gold
Cover
Kovar/Nickel
Pins
#52 alloy/Gold, compression glass seal
Gold plating of 50 - 150 microinches included in pin diameter
Seal hole 0.092 ±0.002 (2.34 ± 0.05)
Case K3 MHV S&D F, Rev J, 2014.09.11
Please refer to the numerical dimensions for accuracy.
2 x R 0.170 (4.32)
2 x Dia 0.162 ±0.002
(4.11 ±0.05)
(2.910 max (73.91))
Figure 32: Case k3 - mhv single anD Dual
Crane Aerospace & Electronics Power Solutions
www.craneae.com/interpoint
Page 19 of 21
MHV Rev AC - 2015.01.23
mHV single, dual and triple dc-dc converters
28 Volt input – 15 Watt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com