Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MHP27012D Datasheet(PDF) 4 Page - Interpoint Corporation Company

Part # MHP27012D
Description  MHP270 Single and Dual DC/DC Converters
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MHP27012D Datasheet(HTML) 4 Page - Interpoint Corporation Company

  MHP27012D Datasheet HTML 1Page - Interpoint Corporation Company MHP27012D Datasheet HTML 2Page - Interpoint Corporation Company MHP27012D Datasheet HTML 3Page - Interpoint Corporation Company MHP27012D Datasheet HTML 4Page - Interpoint Corporation Company MHP27012D Datasheet HTML 5Page - Interpoint Corporation Company MHP27012D Datasheet HTML 6Page - Interpoint Corporation Company MHP27012D Datasheet HTML 7Page - Interpoint Corporation Company MHP27012D Datasheet HTML 8Page - Interpoint Corporation Company MHP27012D Datasheet HTML 9Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
1
2
3
4
5
6
1
2
3
4
5
6
1
2
3
4
5
6
12
11
10
9
8
7
12
11
10
9
8
7
12
11
10
9
8
7
MHP270 #1
MHP270 #2
MHP270 #N
270V–
+
Positive Input
Input Common
INH2
INH1
Sync Out
Sync In
Share
N/C
Pos. Sense
Sense Return
Output Common
Positive Output
Positive Input
Input Common
INH2
INH1
Sync Out
Sync In
Share
N/C
Pos. Sense
Sense Return
Output Common
Positive Output
Positive Input
Input Common
INH2
INH1
Sync Out
Sync In
Share
N/C
Pos. Sense
Sense Return
Output Common
Positive Output
Optional fuse
INH2
Control
INH1
Control
• Dotted lines are optional connections
• Sync in should be connected to input common if not used
• Synchronizing the converters eliminates beat frequencies during current sharing (parallel operation)
• From 2 to 5 converters can be paralleled for up to 276 watts of output power.
• These converters are not designed for use in redundant systems
• If deviating from this diagram, please consult our applications engineers:
powerapps@crane-eg.com
www.interpoint.com/contacts/technical_support
+1.425.895.4016
RL
–
+
Figure 3: parallel (Current sharing) COnneCtiOns
SINGLE OUTPUT MODELS CONNECTION DIAGRAM - PARALLEL
•
Crane Aerospace & Electronics Power Solutions
MHp270 single and dual dc/dc converters
270 Volt input – 65 Watt
www.craneae.com/interpoint
Page 4 of 10
MHP270 Rev H - 2011.08.04



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com