Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MHP27012D Datasheet(PDF) 10 Page - Interpoint Corporation Company

Part # MHP27012D
Description  MHP270 Single and Dual DC/DC Converters
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MHP27012D Datasheet(HTML) 10 Page - Interpoint Corporation Company

Back Button MHP27012D Datasheet HTML 2Page - Interpoint Corporation Company MHP27012D Datasheet HTML 3Page - Interpoint Corporation Company MHP27012D Datasheet HTML 4Page - Interpoint Corporation Company MHP27012D Datasheet HTML 5Page - Interpoint Corporation Company MHP27012D Datasheet HTML 6Page - Interpoint Corporation Company MHP27012D Datasheet HTML 7Page - Interpoint Corporation Company MHP27012D Datasheet HTML 8Page - Interpoint Corporation Company MHP27012D Datasheet HTML 9Page - Interpoint Corporation Company MHP27012D Datasheet HTML 10Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
STANDARD AND /ES (NON-QML)
ENVIRONMENTAL SCREENING 1, 2
NON
-QML
test perFOrmed
standard
/es
Pre-cap Inspection
Method 2017, 2032
Temperature Cycle (10 times)
Method 1010, Cond. B, -55°C to +125°C, ambient
Constant Acceleration
Method 2001, 500 g
Burn-in
Method 1015 3
96 hours
Final Electrical Test MIL-PRF-38534, Group A
Subgroups 1 and 4: +25°C case
Hermeticity Test
Fine Leak, Method 1014, Cond. A
Gross Leak, Method 1014, Cond. C
Gross Leak, Dip (1 x 10-3)
Final visual inspection
Method 2009
Test methods are referenced to MIL-STD-883 as determined by MIL-PRF-38534.
Notes:
1. “Non-QML” Refers to products that do not offer QML screening.
2. Standard and /ES, non-QML products, may not meet all of the requirements of MIL-PRF-38534.
3. Burn-in designed to bring the case temperature to the maximum case temperature of the product. Refer to the specific product information
for the maximum case temperature.
SCREENING TABLE 8: ENVIRONMENTAL SCREENING—HIGH RELIABILITY STANDARD AND /ES, NON-QML
sCreening table 1: enVirOnmental sCreening
MHP270 Single and Dual, MHP270 Rev H - 2011.08.04. This revision supersedes all previous releases. All technical information is believed to be
accurate, but no responsibility is assumed for errors or omissions. Crane Electronics, Inc. reserves the right to make changes in products or speci-
fications without notice. Interpoint and MHP270 Series are trademarks of Crane Electronics, Inc.. Copyright © 1999 - 2011 Crane Electronics, Inc.
All rights reserved. www.craneae.com/interpoint
Page 10 of 10
Crane Aerospace & Electronics Power Solutions
MHp270 single and dual dc/dc converters
270 Volt input – 65 Watt



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com