Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMRT28512T/KR Datasheet(PDF) 23 Page - Interpoint Corporation Company

Part # SMRT28512T/KR
Description  SMRT Single, Dual and Triple Space DC-DC Converters
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

SMRT28512T/KR Datasheet(HTML) 23 Page - Interpoint Corporation Company

Back Button SMRT28512T/KR Datasheet HTML 19Page - Interpoint Corporation Company SMRT28512T/KR Datasheet HTML 20Page - Interpoint Corporation Company SMRT28512T/KR Datasheet HTML 21Page - Interpoint Corporation Company SMRT28512T/KR Datasheet HTML 22Page - Interpoint Corporation Company SMRT28512T/KR Datasheet HTML 23Page - Interpoint Corporation Company SMRT28512T/KR Datasheet HTML 24Page - Interpoint Corporation Company SMRT28512T/KR Datasheet HTML 25Page - Interpoint Corporation Company SMRT28512T/KR Datasheet HTML 26Page - Interpoint Corporation Company SMRT28512T/KR Datasheet HTML 27Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 44 page
background image
TRIPLEOUTPUTMODEL–SMRT283R312T
3.3(MAIN)
±12(AUxILIARIES)
UNITS
PARAMETER
CONDITIONS
MIN
TyP
MAx
MIN
TyP
MAx
OUTPUTVOLTAGE
MAINANDPOS.AUx
3.23
3.30
3.37
11.76 12.00 12.24
V
VIN=28
NEG.AUx.
—
—
—
-11.58 -12.00 -12.42
OUTPUTCURRENT2
0.18
—
4.5
±0.04 ±0.63
11
A
MAxTOTALAUx.
—
—
—
—
—
1.25
OUTPUTPOWER2
0.60
—
15
0.48
±7.5
121
W
MAxTOTALAUx
—
—
—
—
—
15
OUTPUTRIPPLE
TC=25°C
—
—
200
—
—
150
mVp-p
10kHz-20MHz
TC=-55°CTO+125°C
—
—
200
—
—
150
LINEREGULATION3
MAINANDPOS.AUx
—
—
30
—
—
30
mV
VIN=19TO50
NEG.AUx.
—
—
—
—
—
70
LINEREGULATION3
MAINANDPOS.AUx
—
—
60
—
—
60
mV
VIN=19TO56
NEG.AUx.
—
—
—
—
—
140
LOADREGULATION
MAIN&+AUx.,5%-FL
—
—
100
—
—
120
BALANCEDAUx.
-AUx.,5%-FL
—
—
—
—
—
300
mV
TOTALREGULATION1
VOUT
ALLCONDITIONSOFLINE,LOAD,
AGING,TEMPANDRADIATION
3.0
—
3.6
±10.9
—
±13.1
V
CROSSREGULATION1,4,5
TC=25°C
EFFECTON
NEGATIVEAUxILIARy
—
—
—
—
—
2.5
%
INPUTVOLTAGE
CONTINUOUS
19
28
56
—
—
—
V
TRANSIENT120ms1
—
—
80
—
—
—
V
INPUTCURRENT
NOLOAD
—
—
100
—
—
—
mA
INHIBITED
—
—
55
—
—
—
INPUTRIPPLECURRENT6
10kHz-20MHz
—
—
60
—
—
—
mAp-p
EFFICIENCy7
TC=25°C
67
—
—
—
—
—
%
TC=-55°CTO+125°C
67
—
—
—
—
—
LOADFAULT8
POWERDISSIPATION
—
—
35
—
—
—
W
RECOVERy1
—
—
2.5
—
—
2.5
ms
STEPLOADRESPONSE9,10,11,12 TRANSIENT
—
—
±450
—
—
±450
mVpk
50%-100%-50%
RECOVERy
—
—
2.5
—
—
2.5
ms
STEPLINERESPONSE1,9,10
19-56-19VINTRANSIENT
—
—
±500
—
—
±750
mVpk
RECOVERy
—
—
4
—
—
4
ms
START-UP13
DELAy
—
—
35
—
—
25
ms
OVERSHOOT
—
—
50
—
—
120
mVpk
CAPACITIVELOAD1,14
TC=25°C
UNCONDITIONALLySTABLE,
START-UPDELAyINCREASED
—
—
5000
—
—
1000
µF
NotesSeepage28
table 22: electrIcal characterIStIcS: -55°c tO +125°c caSe, 50 VIn, 100% lOad, Free run, unleSS OtherwISe SpecIFIed.
Crane Aerospace & Electronics Power Solutions
www.craneae.com/interpoint
Page23of44
sMrt single, dual and triple space dc-dc converters
50 Volt input speciFications
SMRT28RevAJ-2016.05.03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com