Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMRT28512T/KR Datasheet(PDF) 36 Page - Interpoint Corporation Company

Part # SMRT28512T/KR
Description  SMRT Single, Dual and Triple Space DC-DC Converters
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

SMRT28512T/KR Datasheet(HTML) 36 Page - Interpoint Corporation Company

Back Button SMRT28512T/KR Datasheet HTML 32Page - Interpoint Corporation Company SMRT28512T/KR Datasheet HTML 33Page - Interpoint Corporation Company SMRT28512T/KR Datasheet HTML 34Page - Interpoint Corporation Company SMRT28512T/KR Datasheet HTML 35Page - Interpoint Corporation Company SMRT28512T/KR Datasheet HTML 36Page - Interpoint Corporation Company SMRT28512T/KR Datasheet HTML 37Page - Interpoint Corporation Company SMRT28512T/KR Datasheet HTML 38Page - Interpoint Corporation Company SMRT28512T/KR Datasheet HTML 39Page - Interpoint Corporation Company SMRT28512T/KR Datasheet HTML 40Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 44 page
background image
0.0
-100.0
-20.0
-40.0
-60.0
-80.0
100
1 k
10 k
100 k
-42.5 dB
0.0
-100.0
-20.0
-40.0
-60.0
-80.0
100
1 k
10 k
100 k
-34.9 dB
SMRTTripleAudioRejection,Main
SMRTTripleAudioRejection,+Aux
Frequency(Hz),28VIN
Frequency(Hz),28VIN
CE03
LIMIT
NARROWBAND
90
70
50
30
10
.015
0.1
1
10
50
FIgure 43
FIgure 44
FIgure 45
FIgure 46
SMRTTripleMIL-STD-461C,CE03
Frequency(MHz),28VIN
0.1
1
10
.01
100
80
60
40
20
CE102
AC and
DC Limits
SMRTTripleMIL-STD-461D-F,CE102
Frequency(MHz),28VIN
Crane Aerospace & Electronics Power Solutions
www.craneae.com/interpoint
Page36of44
sMrt single, dual and triple space dc-dc converters
SMRT28RevAJ-2016.05.03
Typical performance ploTs: Vin as specified, 25°c case, 100% load, free run, unless oTherwise specified.
These are examples for reference only and are noT guaranTeed specificaTions.
triple output representatiVe plots



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com