Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83932B Datasheet(PDF) 20 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83932B
Description  SONICTM-16 Systems-Oriented Network Interface Controller
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83932B Datasheet(HTML) 20 Page - National Semiconductor (TI)

Back Button DP83932B Datasheet HTML 16Page - National Semiconductor (TI) DP83932B Datasheet HTML 17Page - National Semiconductor (TI) DP83932B Datasheet HTML 18Page - National Semiconductor (TI) DP83932B Datasheet HTML 19Page - National Semiconductor (TI) DP83932B Datasheet HTML 20Page - National Semiconductor (TI) DP83932B Datasheet HTML 21Page - National Semiconductor (TI) DP83932B Datasheet HTML 22Page - National Semiconductor (TI) DP83932B Datasheet HTML 23Page - National Semiconductor (TI) DP83932B Datasheet HTML 24Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 96 page
background image
30 Buffer Management (Continued)
when its receive resources have been exhausted The sys-
tem should respond by replenishing the resources that have
been exhausted These overflow conditions (Descriptor Re-
sources Exhausted Buffer Resources Exhausted and RBA
Limit Exceeded) are indicated in the Interrupt Status register
and are detailed as follows
Descriptor Resources Exhausted
This occurs when the
SONIC-16 has reached the last receive descriptor in the list
meaning that the SONIC-16 has detected EOLe1 The sys-
tem must supply additional descriptors for continued recep-
tion The system can do this in one of two ways 1) append-
ing descriptors to the existing list or 2) creating a separate
list
1) Appending descriptors to the existing list This is the eas-
iest and preferred way To do this the system after cre-
ating the new list joins the new list to the existing list by
simply writing the beginning address of the new list into
the RXpktlink field and setting EOL e 0 At the next
reception the SONIC-16 re-reads the last RXpktlink
field and updates its CRDA register to point to the next
descriptor
2) Creating a separate list This requires an additional step
because the lists are not joined together and requires
that the CRDA register be loaded with the address of the
RXpktlink field in the new list
During this overflow condition the SONIC-16 maintains
ownership of the descriptor (RXpktin
use i 00h) and
waits for the system to add additional descriptors to the list
When the system appends more descriptors the SONIC-16
releases ownership of the descriptor after writing 0000h to
the RXpktin
use field
Buffer Resources Exhausted
This occurs when the
SONIC-16 has detected that the Resource Read Pointer
(RRP) and Resource Write Pointer (RWP) registers are
equal (ie all RRA descriptors have been exhausted) The
RBE bit in the Interrupt Status register is set when the SON-
IC-16 finishes using the second to last receive buffer and
reads the last RRA descriptor Actually the SONIC-16 is not
truly out of resources but gives the system an early warning
of an impending out of resources condition To continue
reception after the last RBA is used the system must supply
additional RRA descriptor(s) update the RWP register and
clear the RBE bit in the ISR The SONIC-16 rereads the
RRA after this bit is cleared
RBA Limit Exceeded
This occurs when a packet does not
completely fit within the remaining space of the RBA This
can occur if the EOBC register is not programmed to a value
greater than the largest packet that can be received When
this situation occurs the packet is truncated and the SON-
IC-16 reads the RRA to obtain another RBA Indication of
an RBA limit being exceeded is signified by the Receive
Buffer Area Exceeded (RBAE) interrrupt being set (see sec-
tion 436) An RDA will not be set up for the truncated pack-
et and the buffer space will not be re-used To rectify this
potential overflow condition the EOBC register must be
loaded with a value equal to or greater than the largest
packet that can be accepted See Section 342
35 TRANSMIT BUFFER MANAGEMENT
To begin transmission the system software issues the
Transmit command (TXPe1 in the CR) The Transmit Buff-
er Management uses two areas in memory for transmitting
packets
(Figure 3-11) the Transmit Descriptor Area (TDA)
and the Transmit Buffer Area (TBA) During transmission
the SONIC-16 fetches control information from the TDA
loads its appropriate registers and then transmits the data
from the TBA When the transmission is complete the SON-
IC-16 writes the status information in the TDA From a single
transmit command packets can either be transmitted singly
or in groups if several descriptors have been linked togeth-
er
TLF11722 – 18
FIGURE 3-11 Overview of Transmit Buffer Management
351 Transmit Descriptor Area (TDA)
The TDA contains descriptors that the system has generat-
ed to exchange status and control information Each de-
scriptor corresponds to a single packet and consists of the
following 16-bit fields
TXpktstatus
This field is written by the SONIC-16 and pro-
vides status of the transmitted packet See Section 3512
for more details
TXpktconfig
This field allows programming the SONIC-16
to one of the various transmit modes The SONIC-16 reads
this field and loads the corresponding configuration bits
(PINTR POWC CRCI and EXDIS) into the Transmit Control
register See Section 3511 for more details
TXpktpkt
size
This field contains the byte count of the
entire packet
TXpktfrag
count
This field contains the number of frag-
ments the packet is segmented into
TXpktfrag
ptr01
This field contains a 23-bit pointer
which locates the packet fragment to be transmitted in the
Transmit Buffer Area (TBA) This pointer is not restricted to
any byte alignment
TXpktfrag
size
This field contains the byte count of the
packet fragment The minimum fragment size is 1 byte
TXpktlink
This field contains a 15-bit pointer (A15 – A1) to
the next TDA descriptor The LSB the End Of List (EOL) bit
indicates the last descriptor in the list when set to a ‘‘1’’
When descriptors have been linked together the SONIC-16
transmits back-to-back packets from a single transmit com-
mand
The data of the packet does not need to be contiguous but
can exist in several locations (fragments) in memory In this
case the TXpktfrag
count field is greater than one and
additional TXpktfrag
ptr01 and TXpktfrag
size fields
corresponding to each fragment are used The descriptor
format is shown in
Figure 3-12
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com