Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMP6050SSD Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMP6050SSD
Description  60V DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP6050SSD Datasheet(HTML) 4 Page - Diodes Incorporated

  DMP6050SSD Datasheet HTML 1Page - Diodes Incorporated DMP6050SSD Datasheet HTML 2Page - Diodes Incorporated DMP6050SSD Datasheet HTML 3Page - Diodes Incorporated DMP6050SSD Datasheet HTML 4Page - Diodes Incorporated DMP6050SSD Datasheet HTML 5Page - Diodes Incorporated DMP6050SSD Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
DMP6050SSD
Document number: DS37454 Rev.1 - 2
4 of 6
www.diodes.com
October 2014
© Diodes Incorporated
DMP6050SSD
T , JUNCTION TEMPERATURE ( C)
J
Figure 7 On-Resistance Variation with Temperature
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.1
-50
-25
0
25
50
75
100 125
150 175
V
= -10V
GS
I = -10A
D
V
= -4.5V
GS
I = -5A
D
V
, SOURCE-DRAIN VOLTAGE (V)
SD
Figure 9 Diode Forward Voltage vs. Current
0
5
10
15
20
25
30
0
0.3
0.6
0.9
1.2
1.5
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
T = 175°C
A
V
, DRAIN-SOURCE VOLTAGE (V)
DS
Figure 10 Typical Junction Capacitance
10
100
1000
10000
0
5
10
15
20
25
30
35
40
C iss
Coss
f = 1MHz
C rss
Q , TOTAL GATE CHARGE (nC)
g
Figure 11 Gate Charge
0
2
4
6
8
10
0
5
10
15
20
25
V
= -30V
DS
I
= -5A
D
V
, DRAIN-SOURCE VOLTAGE (V)
DS
Figure 12 SOA, Safe Operation Area
0.01
0.1
1
10
100
0.1
1
10
100
DC
P
= 10s
W
P
= 1s
W
P
= 100ms
W
P
= 10ms
W
P
= 1ms
W
P
= 100µs
W
RDS(on)
Limited
T
= 150°C
J (m ax )
T = 25°C
A
V
= 10V
GS
Single Pulse
DUT on 1 * MRP Board
T , JUNCTION TEMPERATURE ( C)
J
Figure 8 Gate Threshold Variation vs. Ambient Temperature
0
0.5
1
1.5
2
2.5
3
-50
-25
0
25
50
75
100 125
150 175
I = -1mA
D
I = -250µA
D



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com