Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM346M/NOPB Datasheet(PDF) 16 Page - Texas Instruments

Part # LM346M/NOPB
Description  Programmable Quad Operational Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM346M/NOPB Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM346M/NOPB Datasheet HTML 12Page - Texas Instruments LM346M/NOPB Datasheet HTML 13Page - Texas Instruments LM346M/NOPB Datasheet HTML 14Page - Texas Instruments LM346M/NOPB Datasheet HTML 15Page - Texas Instruments LM346M/NOPB Datasheet HTML 16Page - Texas Instruments LM346M/NOPB Datasheet HTML 17Page - Texas Instruments LM346M/NOPB Datasheet HTML 18Page - Texas Instruments LM346M/NOPB Datasheet HTML 19Page - Texas Instruments LM346M/NOPB Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
LM146, LM346
SNOSBH5B – MAY 2004 – REVISED SEPTEMBER 2004
www.ti.com
Ex: fc = 20 kHz, Ho (gain of the filter) = 1, Q01 = 0.541, Qo2 = 1.306.
•Since for this filter the GBW product of all 4 amplifiers has been designed to be the same (
∼1 MHz) only one current
source can be used to bias the circuit. Fine tuning can be further accomplished through Rb.
Figure 38. A 4th Order Butterworth Low Pass Capacitorless Filter
Miscellaneous Applications
• For better performance, use a matched NPN pair.
Figure 39. A Unity Gain Follower with Bias Current Reduction
16
Submit Documentation Feedback
Copyright © 2004, Texas Instruments Incorporated
Product Folder Links: LM146 LM346



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com