Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM346M/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Part # LM346M/NOPB
Description  Programmable Quad Operational Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM346M/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LM346M/NOPB Datasheet HTML 1Page - Texas Instruments LM346M/NOPB Datasheet HTML 2Page - Texas Instruments LM346M/NOPB Datasheet HTML 3Page - Texas Instruments LM346M/NOPB Datasheet HTML 4Page - Texas Instruments LM346M/NOPB Datasheet HTML 5Page - Texas Instruments LM346M/NOPB Datasheet HTML 6Page - Texas Instruments LM346M/NOPB Datasheet HTML 7Page - Texas Instruments LM346M/NOPB Datasheet HTML 8Page - Texas Instruments LM346M/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LM146, LM346
www.ti.com
SNOSBH5B – MAY 2004 – REVISED SEPTEMBER 2004
DC ELECTRICAL CHARACTERISTICS
(VS=±15V, ISET=10 µA)
(1)
Parameter
Conditions
LM146
LM346
Units
Min
Typ
Max
Min
Typ
Max
Input Offset Voltage
VCM=0V, RS≤50Ω, TA=25°C
0.5
5
0.5
6
mV
Input Offset Current
VCM=0V, TA=25°C
2
20
2
100
nA
Input Bias Current
VCM=0V, TA=25°C
50
100
50
250
nA
Supply Current (4 Op Amps)
TA=25°C
1.4
2.0
1.4
2.5
mA
Large Signal Voltage Gain
RL=10 kΩ, ΔVOUT=±10V,
100
1000
50
1000
V/mV
TA=25°C
Input CM Range
TA=25°C
±13.5
±14
±13.5
±14
V
CM Rejection Ratio
RS≤10 kΩ, TA=25°C
80
100
70
100
dB
Power Supply Rejection Ratio
RS≤10 kΩ, TA=25°C,
80
100
74
100
dB
VS = ±5 to ±15V
Output Voltage Swing
RL≥10 kΩ, TA=25°C
±12
±14
±12
±14
V
Short-Circuit
TA=25°C
5
20
35
5
20
35
mA
Gain Bandwidth Product
TA=25°C
0.8
1.2
0.5
1.2
MHz
Phase Margin
TA=25°C
60
60
Deg
Slew Rate
TA=25°C
0.4
0.4
V/
μs
Input Noise Voltage
f=1 kHz, TA=25°C
28
28
8 nV/
√Hz
Channel Separation
RL=10 kΩ, ΔVOUT=0V to
120
120
dB
±12V, TA=25°C
Input Resistance
TA=25°C
1.0
1.0
M
Ω
Input Capacitance
TA=25°C
2.0
2.0
pF
Input Offset Voltage
VCM=0V, RS≤50Ω
0.5
6
0.5
7.5
mV
Input Offset Current
VCM=0V
2
25
2
100
nA
Input Bias Current
VCM=0V
50
100
50
250
nA
Supply Current (4 Op Amps)
1.7
2.2
1.7
2.5
mA
Large Signal Voltage Gain
RL=10 kΩ, ΔVOUT=±10V
50
1000
25
1000
V/mV
Input CM Range
±13.5
±14
±13.5
±14
V
CM Rejection Ratio
RS≤50Ω
70
100
70
100
dB
Power Supply Rejection Ratio
RS≤50Ω, VS = ±5V to ±15V
76
100
74
100
dB
Output Voltage Swing
RL≥10 kΩ
±12
±14
±12
±14
V
(1)
These specifications apply over the absolute maximum operating temperature range unless otherwise noted.
DC ELECTRICAL CHARACTERISTIC
(VS=±15V, ISET=10 μA)
Parameter
Conditions
LM146
LM346
Units
Min
Typ
Max
Min
Typ
Max
Input Offset Voltage
VCM=0V, RS≤50Ω,
0.5
5
0.5
7
mV
TA=25°C
Input Bias Current
VCM=0V, TA=25°C
7.5
20
7.5
100
nA
Supply Current (4 Op Amps)
TA=25°C
140
250
140
300
μA
Gain Bandwidth Product
TA=25°C
80
100
50
100
kHz
Copyright © 2004, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM146 LM346



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com