Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM1973M/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Part # LM1973M/NOPB
Description  3-Channel 76dB Audio Attenuator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM1973M/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM1973M/NOPB Datasheet HTML 3Page - Texas Instruments LM1973M/NOPB Datasheet HTML 4Page - Texas Instruments LM1973M/NOPB Datasheet HTML 5Page - Texas Instruments LM1973M/NOPB Datasheet HTML 6Page - Texas Instruments LM1973M/NOPB Datasheet HTML 7Page - Texas Instruments LM1973M/NOPB Datasheet HTML 8Page - Texas Instruments LM1973M/NOPB Datasheet HTML 9Page - Texas Instruments LM1973M/NOPB Datasheet HTML 10Page - Texas Instruments LM1973M/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
LM1973
www.ti.com
SNAS093B – DECEMBER 1994 – REVISED MARCH 2013
APPLICATION INFORMATION
ATTENUATION STEP SCHEME
The fundamental attenuation step scheme for the LM1973
μPot is shown in Figure 16. This attenuation step
scheme, however, can be changed through programming techniques to fit different application requirements.
One such example would be a constant logarithmic attenuation scheme of 2dB steps for a panning function as
shown in Figure 18. The only restriction to the customization of attenuation schemes are the given attenuation
levels and their corresponding data bits shown in Table 1. The device will change attenuation levels only when a
channel address is recognized. When recognized, the attenuation level will be changed corresponding to the
data bits shown in Table 1. As shown in Figure 19, an LM1973 can be configured with a mono audio signal level
control and with a panning control which separates the mono signal into left and right channels. This circuit may
utilize the fundamental attenuation scheme of the LM1973 for the level control, but also possess a constant 2dB
panning control for the left and right channels as stated earlier.
LM1973 Channel Attenuation
vs Digital Step Value
Figure 16.
LM1973 Channel Attenuation
vs Digital Step Value
(Programmed 1.0dB Steps)
Figure 17. LM1973 1.0dB and 2.0dB
Attenuation Step Scheme
Copyright © 1994–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM1973



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com