Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM1973M/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Part # LM1973M/NOPB
Description  3-Channel 76dB Audio Attenuator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM1973M/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LM1973M/NOPB Datasheet HTML 1Page - Texas Instruments LM1973M/NOPB Datasheet HTML 2Page - Texas Instruments LM1973M/NOPB Datasheet HTML 3Page - Texas Instruments LM1973M/NOPB Datasheet HTML 4Page - Texas Instruments LM1973M/NOPB Datasheet HTML 5Page - Texas Instruments LM1973M/NOPB Datasheet HTML 6Page - Texas Instruments LM1973M/NOPB Datasheet HTML 7Page - Texas Instruments LM1973M/NOPB Datasheet HTML 8Page - Texas Instruments LM1973M/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
LM1973
www.ti.com
SNAS093B – DECEMBER 1994 – REVISED MARCH 2013
LM1973 µPot 3-Channel 76dB Audio Attenuator with Mute
Check for Samples: LM1973
1
FEATURES
DESCRIPTION
The LM1973 is a digitally controlled 3-channel 76dB
2
•
3-Wire Serial Interface
audio attenuator fabricated on a CMOS process.
•
Daisy-Chain Capability
Each channel has attenuation steps of 0.5dB from
•
104dB Mute Attenuation
0dB–15.5dB, 1.0dB steps from 16dB–47dB, and
2.0dB steps from 48dB– 76dB, with a mute function
•
Pop and Click Free Attenuation Changes
attenuating 104dB. Its logarithmic attenuation curve
can be customized through software to fit the desired
APPLICATIONS
application.
•
Automated Studio Mixing Consoles
The performance of a
μPot is demonstrated through
•
Music Reproduction Systems
its excellent Signal-to-Noise Ratio, extremely low
•
Sound Reinforcement Systems
(THD+N), and high channel separation. Each
μPot
contains a mute function that disconnects the input
•
Electronic Music (MIDI)
signal
from
the
output,
providing
a
minimum
•
Personal Computer Audio Control
attenuation
of
96dB.
Transitions
between
any
attenuation settings are pop free.
KEY SPECIFICATIONS
The LM1973's 3-wire serial digital interface is TTL
•
Total Harmonic Distortion + Noise: 0.003 %
and CMOS compatible; receiving data that selects a
(max)
channel and the desired attenuation level. The Data-
Out pin of the LM1973 allows multiple
μPots to be
•
Frequency response: 100 kHz (
−3dB) (min)
daisy-chained together, reducing the number of
•
Attenuation range (excluding mute): 76 dB
enable and data lines to be routed for a given
(typ)
application.
•
Differential attenuation: ±0.25 dB (max)
•
Signal-to-noise ratio (ref. 4 Vrms): 110 dB
(min)
•
Channel separation: 110 dB (typ)
TYPICAL APPLICATION
CONNECTION DIAGRAM
Top View
Figure 1. Typical Audio Attenuator
Application Circuit
Figure 2. PDIP and SOIC Packages
See Package Numbers NFH0020A and DW0020B
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1994–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM1973M/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1973M NSC-LM1973M Datasheet
305Kb / 11P
關Pot??-Channel 76dB Audio Attenuator with Mute
More results

Similar Description - LM1973M/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1971 NSC-LM1971 Datasheet
248Kb / 11P
LM1971 Overture??Audio Attenuator Series Digitally Controlled 62 dB Audio Attenuator with/Mute
LM1972 NSC-LM1972 Datasheet
301Kb / 11P
Pot 2-Channel 78dB Audio Attenuator with Mute
LM1973 NSC-LM1973 Datasheet
305Kb / 11P
關Pot??-Channel 76dB Audio Attenuator with Mute
logo
DAICO Industries, Inc.
DAT36217 DAICO-DAT36217 Datasheet
173Kb / 1P
Attenuator 3 Section
logo
Texas Instruments
LM1971MX TI-LM1971MX Datasheet
939Kb / 19P
LM1971 Overture Audio Attenuator Series Digitally Controlled 62 dB Audio Attenuator
LM1973 TI1-LM1973_14 Datasheet
1,010Kb / 20P
LM1973 關Pot 3-Channel 76dB Audio Attenuator with Mute
LM1972 TI1-LM1972_14 Datasheet
1,016Kb / 21P
LM1972 關Pot 2-Channel 78dB Audio Attenuator with Mute
LM1971 TI1-LM1971_14 Datasheet
965Kb / 20P
Overture Audio Attenuator Series Digitally Controlled 62 dB Audio Attenuator
LM1972 TI1-LM1972_16 Datasheet
1Mb / 22P
2-Channel 78dB Audio Attenuator
LM4781 TI1-LM4781 Datasheet
1Mb / 31P
Audio Power Amplifier Series 3 Channel 35W Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com