Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM258AMDREP Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM258AMDREP
Description  DUAL OPERATIONAL AMPLIFIERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM258AMDREP Datasheet(HTML) 5 Page - Texas Instruments

  LM258AMDREP Datasheet HTML 1Page - Texas Instruments LM258AMDREP Datasheet HTML 2Page - Texas Instruments LM258AMDREP Datasheet HTML 3Page - Texas Instruments LM258AMDREP Datasheet HTML 4Page - Texas Instruments LM258AMDREP Datasheet HTML 5Page - Texas Instruments LM258AMDREP Datasheet HTML 6Page - Texas Instruments LM258AMDREP Datasheet HTML 7Page - Texas Instruments LM258AMDREP Datasheet HTML 8Page - Texas Instruments LM258AMDREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
www.ti.com
Operating Characteristics
+
V
O
–
R
L
C
L
V
I
V
CC+
V
CC-
–
+
V
O
100 W
V
CC+
V
CC-
RS
900 W
V =0V
I
LM258A-EP
DUAL OPERATIONAL AMPLIFIERS
SLOS506 – OCTOBER 2006
V
CC = ±15 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
SR
Slew rate at unity gain
RL = 1 MΩ, CL = 30 pF, VI = ±10 V, See Figure 1
0.3
V/
µs
B1
Unity-gain bandwidth
RL = 1 MΩ, CL = 20 pF, See Figure 1
0.7
MHz
Vn
Equivalent input noise voltage
RS = 100 Ω, VI = 0 V, f = 1 kHz, See Figure 2
40
nV/
√Hz
Figure 1. Unity-Gain Amplifier
Figure 2. Noise-Test Circuit
5
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com