Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM258AMDREP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM258AMDREP
Description  DUAL OPERATIONAL AMPLIFIERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM258AMDREP Datasheet(HTML) 1 Page - Texas Instruments

  LM258AMDREP Datasheet HTML 1Page - Texas Instruments LM258AMDREP Datasheet HTML 2Page - Texas Instruments LM258AMDREP Datasheet HTML 3Page - Texas Instruments LM258AMDREP Datasheet HTML 4Page - Texas Instruments LM258AMDREP Datasheet HTML 5Page - Texas Instruments LM258AMDREP Datasheet HTML 6Page - Texas Instruments LM258AMDREP Datasheet HTML 7Page - Texas Instruments LM258AMDREP Datasheet HTML 8Page - Texas Instruments LM258AMDREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
www.ti.com
FEATURES
1
2
3
4
8
7
6
5
1OUT
1IN–
1IN+
GND
V
CC
2OUT
2IN–
2IN+
DPACKAGE
(TOP VIEW)
DESCRIPTION/ORDERING INFORMATION
LM258A-EP
DUAL OPERATIONAL AMPLIFIERS
SLOS506 – OCTOBER 2006
•
Controlled Baseline
•
Low Input Bias and Offset Parameters:
– One Assembly/One Test Site, One
– Input Offset Voltage . . . 2 mV Typ
Fabrication Site
– Input Offset Current . . . 2 nA Typ
•
Extended Temperature Performance of –55
°C
– Input Bias Current . . . 15 nA Typ
to 125
°C
•
Differential Input Voltage Range Equal to
•
Enhanced Diminishing Manufacturing
Maximum-Rated Supply Voltage . . . 32 V
Sources (DMS) Support
•
Open-Loop Differential Voltage Amplification
•
Enhanced Product-Change Notification
. . . 100 V/mV Typ
•
Qualification Pedigree (1)
•
Internal Frequency Compensation
•
Wide Supply Range:
– Single Supply . . . 3 V to 30 V
– Dual Supplies . . .
±1.5 V to ±15 V
•
Low Supply-Current Drain, Independent of
Supply Voltage . . . 0.7 mA Typ
•
Common-Mode Input Voltage Range Includes
Ground, Allowing Direct Sensing Near
Ground
(1)
Component qualification in accordance with JEDEC and
industry standards to ensure reliable operation over an
extended temperature range. This includes, but is not limited
to, Highly Accelerated Stress Test (HAST) or biased 85/85,
temperature cycle, autoclave or unbiased HAST,
electromigration, bond intermetallic life, and mold compound
life. Such qualification testing should not be viewed as
justifying use of this component beyond specified
performance and environmental limits.
The LM258A consists of two independent, high-gain, frequency-compensated operational amplifiers designed to
operate from a single supply over a wide range of voltages. Operation from split supplies also is possible if the
difference between the two supplies is 3 V to 30 V, and VCC is at least 1.5 V more positive than the input
common-mode voltage. The low supply-current drain is independent of the magnitude of the supply voltage.
Applications include transducer amplifiers, dc amplification blocks, and all the conventional operational amplifier
circuits that now can be implemented more easily in single-supply-voltage systems. For example, this device can
be operated directly from the standard 5-V supply used in digital systems and easily can provide the required
interface electronics without additional
±5-V supplies.
ORDERING INFORMATION
MAX
VIOmax
ORDERABLE
TA
TESTED
PACKAGE(1)
TOP-SIDE MARKING
AT 25
°C
PART NUMBER
VCC
–55
°C to 125°C
3mV
30V
SOIC – D
Reel of 2500
LM258AMDREP
258AM
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM258AMDREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM258AMDREP TI1-LM258AMDREP Datasheet
519Kb / 11P
DUAL OPERATIONAL AMPLIFIERS
LM258AMDREP TI2-LM258AMDREP Datasheet
390Kb / 13P
DUAL OPERATIONAL AMPLIFIERS
OCTOBER 2006
LM258AMDREP.A TI2-LM258AMDREP.A Datasheet
390Kb / 13P
DUAL OPERATIONAL AMPLIFIERS
OCTOBER 2006
LM258AMDREPG4 TI2-LM258AMDREPG4 Datasheet
390Kb / 13P
DUAL OPERATIONAL AMPLIFIERS
OCTOBER 2006
More results

Similar Description - LM258AMDREP

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IL4558 INTEGRAL-IL4558 Datasheet
206Kb / 4P
Dual Operational Amplifiers
logo
List of Unclassifed Man...
AZ4558 ETC-AZ4558 Datasheet
228Kb / 8P
DUAL OPERATIONAL AMPLIFIERS
logo
HTC Korea TAEJIN Techno...
LM4558 HTC-LM4558 Datasheet
116Kb / 3P
DUAL OPERATIONAL AMPLIFIERS
logo
BCD Semiconductor Manuf...
AZ4558 BCDSEMI-AZ4558 Datasheet
142Kb / 10P
DUAL OPERATIONAL AMPLIFIERS
logo
KODENSHI_AUK CORP.
KK1458 KODENSHI-KK1458 Datasheet
237Kb / 5P
Dual Operational Amplifiers
KK4558 KODENSHI-KK4558 Datasheet
257Kb / 6P
Dual Operational Amplifiers
logo
Texas Instruments
LM2904DE4 TI1-LM2904DE4 Datasheet
1Mb / 30P
DUAL OPERATIONAL AMPLIFIERS
logo
IK Semicon Co., Ltd
IL1458 IKSEMICON-IL1458 Datasheet
213Kb / 5P
Dual Operational Amplifiers
logo
Texas Instruments
LM158U TI-LM158U Datasheet
1Mb / 32P
DUAL OPERATIONAL AMPLIFIERS
LM2904PWRG4 TI-LM2904PWRG4 Datasheet
1Mb / 32P
DUAL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com