Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8758 Datasheet(PDF) 55 Page - Wolfson Microelectronics plc

Part # WM8758
Description  Stereo CODEC with Headphone Driver and Line Out
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8758 Datasheet(HTML) 55 Page - Wolfson Microelectronics plc

Back Button WM8758 Datasheet HTML 51Page - Wolfson Microelectronics plc WM8758 Datasheet HTML 52Page - Wolfson Microelectronics plc WM8758 Datasheet HTML 53Page - Wolfson Microelectronics plc WM8758 Datasheet HTML 54Page - Wolfson Microelectronics plc WM8758 Datasheet HTML 55Page - Wolfson Microelectronics plc WM8758 Datasheet HTML 56Page - Wolfson Microelectronics plc WM8758 Datasheet HTML 57Page - Wolfson Microelectronics plc WM8758 Datasheet HTML 58Page - Wolfson Microelectronics plc WM8758 Datasheet HTML 59Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 90 page
background image
Production Data
WM8758B
w
PD, Rev 4.4, January 2012
55
Figure 27 LOUT2 and ROUT2 Headphone Configuration with Feedback
Figure 28 LOUT2 and ROUT2 Line Output Configuration with Feedback
The signal output on LOUT2/ROUT2 comes from the Left/Right Mixer circuits and can be any
combination of the DAC output and the bypass path (output of the input boost stage). The
LOUT2/ROUT2 volume is controlled by the LOUT2VOL/ ROUT2VOL register bits. Gains over 0dB
may cause clipping if the input signal is too high. The LOUT2MUTE/ ROUT2MUTE register bits
cause these outputs to be muted (the output DC level is driven out). The output pins remain at the
same DC level, so that no click noise is produced when muting or un-muting.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R49
7
LINE_COMEN
0
Line common ground enable:
1 = Use external common ground
0 = use internal VMID
0
Function inverts if MODE = 2-wire
And CSB/GPIO1 = ‘hi’
0 = Use external common ground
1 = Use internal VMID
Table 34 Line Common Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com