Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8758 Datasheet(PDF) 7 Page - Wolfson Microelectronics plc

Part # WM8758
Description  Stereo CODEC with Headphone Driver and Line Out
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8758 Datasheet(HTML) 7 Page - Wolfson Microelectronics plc

Back Button WM8758 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8758 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8758 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8758 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8758 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8758 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8758 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8758 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8758 Datasheet HTML 11Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 90 page
background image
Production Data
WM8758B
w
PD, Rev 4.4, January 2012
7
ELECTRICAL CHARACTERISTICS
Test Conditions
DCVDD=1.8V, AVDD1=AVDD2=3.0V, DBVDD=3.3V, TA = +25
oC, 1kHz signal, fs = 48kHz, 24-bit audio data unless otherwise
stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Microphone Preamp Inputs (LIP, LIN, RIP, RIN, L2, R2)
Full-scale Input Signal Level –
Single-ended input via LIN/RIN
VINFS
PGABOOST = 0dB
INPPGAVOL = 0dB
AVDD1/3.3
Vrms
Full-scale Input Signal Level –
Pseudo-differential input
VINFS
PGABOOST = 0dB
INPPGAVOL = 0dB
AVDD1*0.7/
3.3
Vrms
Mic PGA equivalent input noise
At 35.25dB
gain
0 to 20kHz
150
uV
Input resistance (LIN, RIN)
RMICIN
Gain set to 35.25dB
1.6
k
Input resistance (LIN, RIN)
RMICIN
Gain set to 0dB
46
k
Input resistance (LIN, RIN)
RMICIN
Gain set to -12dB
71
k
Input resistance (LIP, RIP)
RMICIP
90
k
Input resistance (L2, R2)
RL2R2
L/RIP2INPPGA = 1,
L/R2_2BOOSTVOL = 000
90
k
Input resistance (L2, R2)
RL2R2
L/RIP2INPPGA = 0, Gain set
to 6dB
11
k
Input resistance (L2, R2)
RL2R2
L/RIP2INPPGA = 0,
Gain set to 0dB
22
k
Input resistance (L2, R2)
RL2R2
L/RIP2INPPGA = 0,
Gain set to -12dB
60
k
Input Capacitance
CMICIN
10
pF
Maximum Programmable Gain
+35.25
dB
Minimum Programmable Gain
-12
dB
Programmable Gain Step Size
Guaranteed monotonic
0.75
dB
MIC Mute Attenuation
INPPGAMUTEL/R=1
100
dB
MIC Gain Boost
PGABOOSTL/R=0
0
dB
PGABOOSTL/R=1
20
dB
L2, R2 Line Input Programmable Gain
Maximum Gain from L/R2 input
to boost/mixer
Gain adjusted by
L2_2BOOSTVOL
R2_2BOOSTVOL
+6
dB
Minimum Gain from L/R2 input
to boost/mixer
Gain adjusted by
L2_2BOOSTVOL
R2_2BOOSTVOL
-12
dB
L2/R2 boost step size
Guaranteed monotonic
3
dB
L2/R2 Mute attenuation
100
dB
OUT4 to Left or Right Input Boost Record Path
Maximum Gain
+6
dB
Minimum Gain
-12
dB
Gain step size
Guaranteed monotonic
3
dB
Mute attenuation
100
dB
Automatic Level Control (ALC)
Target Record Level
-22.5
-1.5
dB
Programmable gain
-12
35.25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com