Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8993 Datasheet(PDF) 160 Page - Wolfson Microelectronics plc

Part # WM8993
Description  Audio Hub CODEC for Multimedia Phones
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8993 Datasheet(HTML) 160 Page - Wolfson Microelectronics plc

Back Button WM8993 Datasheet HTML 156Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 157Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 158Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 159Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 160Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 161Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 162Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 163Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 164Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 229 page
background image
WM8993
Production Data
w
PD, November 2010, Rev 4.0
160
QUICK START-UP AND SHUTDOWN
The default control sequences (see “Control Write Sequencer”) contain only the register writes
necessary to enable or disable specific output drivers. It is therefore necessary to configure the
signal path and gain settings before commanding any of the default start-up sequences.
This section describes minimum control sequences to configure the WM8993 for DAC to Headphone
playback. Note that these sequences are provided for guidance only; application software should be
verified and tailored to ensure optimum performance.
Table 110 describes an example control sequence to enable the direct DAC to Headphone path. This
involves DAC enable, signal path configuration and mute control, together with the default
“Headphone Cold Start-Up” sequence. Table 111 describes an example control sequence to disable
the direct DAC to Headphone path. Note that these sequences are provided for guidance only;
Application software should be verified and tailored to ensure optimum performance.
REGISTER
VALUE
DESCRIPTION
R3 (03h)
0003h
Enable DACL and DACR
R45 (2Dh)
0100h
Enable path from DACL to HPOUT1L
R46 (2Eh)
0100h
Enable path from DACR to HPOUT1R
R73 (49h)
0100h
Initiate Control Write Sequencer at Index Address 0
(Headphone ‘cold’ Start-Up)
Delay 300ms
Note: Delay must inserted in the sequence to allow the Control
Write Sequencer to finish. Any control interface writes to the
CODEC will be ignored while the Control Write Sequencer is
running.
R10 (0Ah)
0000h
Soft un-mute DAC
Table 110 DAC to Headphone Direct Start-Up Sequence
REGISTER
VALUE
DESCRIPTION
R10 (0Ah)
0004h
Soft mute DAC
R73 (49h)
012Ah
Initiate Control Write Sequencer at Index Address 42 (Generic
Shut-Down)
Delay 525ms
Note: Delay must inserted in the sequence to allow the Control
Write Sequencer to finish. Any control interface writes to the
CODEC will be ignored while the Control Write Sequencer is
running.
R45 (2Dh)
0000h
Disable path from DACL to HPOUT1L
R46 (2Eh)
0000h
Disable path from DACR to HPOUT1R
R3 (03h)
0000h
Disable DACL and DACR
Table 111 DAC to Headphone Direct Shut-Down Sequence
In both cases, the WSEQ_BUSY bit (in Register R74, see Table 93) will be set to 1 while the Control
Write Sequence runs. When this bit returns to 0, the remaining steps of the sequence may be
executed. Note that it is also possible to use GPIO or Interrupt functions to confirm the status of the
Control Write Sequencer - see “General Purpose Input/Output”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com