Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8993 Datasheet(PDF) 163 Page - Wolfson Microelectronics plc

Part # WM8993
Description  Audio Hub CODEC for Multimedia Phones
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8993 Datasheet(HTML) 163 Page - Wolfson Microelectronics plc

Back Button WM8993 Datasheet HTML 159Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 160Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 161Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 162Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 163Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 164Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 165Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 166Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 167Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 229 page
background image
Production Data
WM8993
w
PD, November 2010, Rev 4.0
163
REGISTER MAP
REG
NAME
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
DEFAULT
R0 (0h)
Software Reset
SW_RESET [15:0]
8993h
R1 (1h)
Power
Management (1)
0
0
SPKO
UTR_E
NA
SPKO
UTL_E
NA
HPOU
T2_EN
A
0
HPOU
T1L_E
NA
HPOU
T1R_E
NA
0
0
MICB2
_ENA
MICB1
_ENA
0
VMID_SEL [1:0] BIAS_
ENA
0000h
R2 (2h)
Power
Management (2)
0
TSHUT
_ENA
TSHUT
_OPDI
S
0
OPCLK
_ENA
0
MIXINL
_ENA
MIXIN
R_ENA
IN2L_E
NA
IN1L_E
NA
IN2R_
ENA
IN1R_
ENA
0
0
ADCL_
ENA
ADCR_
ENA
6000h
R3 (3h)
Power
Management (3)
0
0
LINEO
UT1N_
ENA
LINEO
UT1P_
ENA
LINEO
UT2N_
ENA
LINEO
UT2P_
ENA
SPKRV
OL_EN
A
SPKLV
OL_EN
A
MIXOU
TLVOL
_ENA
MIXOU
TRVOL
_ENA
MIXOU
TL_EN
A
MIXOU
TR_EN
A
0
0
DACL_
ENA
DACR_
ENA
0000h
R4 (4h)
Audio Interface
(1)
AIFAD
CL_SR
C
AIFAD
CR_SR
C
AIFAD
C_TDM
AIFAD
C_TDM
_CHAN
0
0
BCLK_
DIR
AIF_B
CLK_I
NV
AIF_LR
CLK_I
NV
AIF_WL [1:0]
AIF_FMT [1:0]
0
0
0
4050h
R5 (5h)
Audio Interface
(2)
AIFDA
CL_SR
C
AIFDA
CR_SR
C
AIFDA
C_TDM
AIFDA
C_TDM
_CHAN
DAC_BOOST
[1:0]
0
0
0
0
0
DAC_C
OMP
DAC_C
OMPM
ODE
ADC_C
OMP
ADC_C
OMPM
ODE
LOOPB
ACK
4000h
R6 (6h)
Clocking 1
TOCLK
_RATE
TOCLK
_ENA
0
OPCLK_DIV [3:0]
DCLK_DIV [2:0]
0
BCLK_DIV [3:0]
0
01C8h
R7 (7h)
Clocking 2
MCLK_
SRC
SYSCL
K_SRC
0
MCLK_
DIV
0
MCLK_
INV
0
0
ADC_DIV [2:0]
DAC_DIV [2:0]
0
0
0000h
R8 (8h)
ADCLRC
Generation
AIF_M
STR1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0000h
R9 (9h)
DACLRC
Generation
0
0
AIF_TR
IS
0
LRCLK
_DIR
LRCLK_RATE [10:0]
0040h
R10 (Ah) DAC CTRL
0
0
DAC_O
SR128
0
0
0
DAC_
MONO
DAC_S
B_FILT
DAC_
MUTE
RATE
DAC_U
NMUT
E_RAM
P
DEEMPH [1:0]
0
DAC_
MUTE
DACL_
DATIN
V
DACR_
DATIN
V
0004h
R11 (Bh) Left DAC Digital
Volume
0
0
0
0
0
0
0
DAC_V
U
DACL_VOL [7:0]
00C0h
R12 (Ch) Right DAC
Digital Volume
0
0
0
0
0
0
0
DAC_V
U
DACR_VOL [7:0]
00C0h
R13 (Dh) Digital Side Tone
0
0
0
ADCL_DAC_SVOL [3:0]
ADCR_DAC_SVOL [3:0]
0
ADC_TO_DACL
[1:0]
ADC_TO_DACR
[1:0]
0000h
R14 (Eh) ADC CTRL
0
0
0
0
0
0
ADC_O
SR128
ADC_H
PF
0
ADC_HPF_CUT
[1:0]
0
0
0
ADCL_
DATIN
V
ADCR_
DATIN
V
0300h
R15 (Fh) Left ADC Digital
Volume
0
0
0
0
0
0
0
ADC_V
U
ADCL_VOL [7:0]
00C0h
R16 (10h) Right ADC
Digital Volume
0
0
0
0
0
0
0
ADC_V
U
ADCR_VOL [7:0]
00C0h
R18 (12h) GPIO CTRL 1
JD2_S
C_EIN
T
JD2_EI
NT
WSEQ
_EINT
IRQ
TEMP
OK_EI
NT
JD1_S
C_EIN
T
JD1_EI
NT
FLL_L
OCK_E
INT
GPI8_
EINT
GPI7_
EINT
0
0
0
0
0
GPIO1
_EINT
0000h
R19 (13h) GPIO1 & GPIO2
0
0
0
0
0
0
0
0
0
0
GPIO1
_PU
GPIO1
_PD
GPIO1_SEL [3:0]
0010h
R20 (14h) IRQ_DEBOUNC
E
JD2_S
C_DB
JD2_D
B
WSEQ
_DB
0
TEMP
OK_DB
JD1_S
C_DB
JD1_D
B
FLL_L
OCK_D
B
GPI8_
DB
0
0
0
GPI7_
DB
0
0
GPIO1
_DB
0000h
R21 (15h) Input Mixer1
0
0
0
0
0
0
0
0
0
INPUT
S_CLA
MP
0
0
0
0
0
0
0000h
R22 (16h) GPIOCTRL 2
1
0
IM_JD2
_EINT
IM_JD2
_SC_EI
NT
IM_TE
MPOK
_EINT
IM_JD1
_SC_EI
NT
IM_JD1
_EINT
IM_FLL
_LOCK
_EINT
0
IM_GPI
8_EINT
IM_GPI
O1_EI
NT
GPI8_
ENA
0
IM_GPI
7_EINT
IM_WS
EQ_EI
NT
GPI7_
ENA
8000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com