Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT94K Datasheet(PDF) 13 Page - ATMEL Corporation

Part # AT94K
Description  5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller, up to 36K Bytes of SRAM and On-chip JTAG ICE
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT94K Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button AT94K Datasheet HTML 9Page - ATMEL Corporation AT94K Datasheet HTML 10Page - ATMEL Corporation AT94K Datasheet HTML 11Page - ATMEL Corporation AT94K Datasheet HTML 12Page - ATMEL Corporation AT94K Datasheet HTML 13Page - ATMEL Corporation AT94K Datasheet HTML 14Page - ATMEL Corporation AT94K Datasheet HTML 15Page - ATMEL Corporation AT94K Datasheet HTML 16Page - ATMEL Corporation AT94K Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 192 page
background image
2-to-4
Decoder
Dout(4)
Dout(5)
Dout(6)
Dout(7)
Din
Dout
WE
OE
RAddr
WAddr
Din
Dout
Din
Dout
WE
OE
Din
Dout
WAddr RAddr
WE
OE
RAddr WAddr
WE
OE
WAddr RAddr
Din
Dout
WAddr RAddr
WE
OE
Din
Dout
WE
OE
RAddr WAddr
Din
Dout
WAddr
RAddr
WE
OE
Din
Dout
WE
OE
RAddr
WAddr
2-to-4
Decoder
Local Buses
Express Buses
Dedicated Connections
Read
Address
Din(0)
Din(1)
Din(2)
Din(3)
Din(4)
Din(5)
Din(6)
Din(7)
Write
Address
WE
Dout(0)
Dout(1)
Dout(2)
Dout(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com