Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESDA6V1-5W6 Datasheet(PDF) 8 Page - STMicroelectronics

Part # ESDA6V1-5W6
Description  TRANSIL ARRAY FOR ESD PROTECTION
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDA6V1-5W6 Datasheet(HTML) 8 Page - STMicroelectronics

  ESDA6V1-5W6 Datasheet HTML 1Page - STMicroelectronics ESDA6V1-5W6 Datasheet HTML 2Page - STMicroelectronics ESDA6V1-5W6 Datasheet HTML 3Page - STMicroelectronics ESDA6V1-5W6 Datasheet HTML 4Page - STMicroelectronics ESDA6V1-5W6 Datasheet HTML 5Page - STMicroelectronics ESDA6V1-5W6 Datasheet HTML 6Page - STMicroelectronics ESDA6V1-5W6 Datasheet HTML 7Page - STMicroelectronics ESDA6V1-5W6 Datasheet HTML 8Page - STMicroelectronics ESDA6V1-5W6 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
ESDA6V1-5W6
8/9
+5V
+5V
74HC04
+5V
Square
Pulse
Generator
74HC04
Line1
Line 2
VG1
ESDA6V1
-5W6
β
21
G1
V
Fig. A7: Digital crosstalk measurements configuration
Fig. A8: Digital crosstalk measurements configuration
Figure A7 shows the measurement circuit used to quantify the crosstalk effect in a classical digital
application.
Figure A8 shows that in such a condition, i.e signal from 0 to 5V and rise time of a few ns, the impact on the
disturbed line is less than 50 mV peak to peak. No data disturbance was noted on the concerned line. The
measurements performed with falling edges give an impact within the same range.
ESDA
6V1 -
5
W6
ESD ARRAY
SOT323-6L
5 lines protected
Vmin
BR
ORDER CODE



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com