Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2619ATL/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Part # LM2619ATL/NOPB
Description  500-mA Sub-Miniature Step-Down DC-DC Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2619ATL/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM2619ATL/NOPB Datasheet HTML 9Page - Texas Instruments LM2619ATL/NOPB Datasheet HTML 10Page - Texas Instruments LM2619ATL/NOPB Datasheet HTML 11Page - Texas Instruments LM2619ATL/NOPB Datasheet HTML 12Page - Texas Instruments LM2619ATL/NOPB Datasheet HTML 13Page - Texas Instruments LM2619ATL/NOPB Datasheet HTML 14Page - Texas Instruments LM2619ATL/NOPB Datasheet HTML 15Page - Texas Instruments LM2619ATL/NOPB Datasheet HTML 16Page - Texas Instruments LM2619ATL/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
LM2619
www.ti.com
SNVS212B – NOVEMBER 2002 – REVISED MAY 2013
Table 2. Suggested Inductors and Their Suppliers
Part Number
Vendor
Phone
FAX
DO1608C-103
Coilcraft
847-639-6400
847-639-1469
ELL6SH100M
Panasonic
714-373-7366
714-373-7323
ELL6RH100M
Panasonic
714-373-7366
714-373-7323
CDRH5D18-100
Sumida
847-956-0666
847-956-0702
P0770.103T
Pulse
858-674-8100
858-674-8262
For low-cost applications, an unshielded inductor is suggested. For noise critical applications, a toroidal or
shielded inductor should be used. A good practice is to lay out the board with footprints accommodating both
types for design flexibility. This allows substitution of a low-noise shielded inductor, in the event that noise from
low-cost unshielded models is unacceptable.
The saturation current rating is the current level beyond which an inductor loses its inductance. Different
manufacturers specify the saturation current rating differently. Some specify saturation current point to be when
inductor value falls 30% from its original value, others specify 10%. It is always better to look at the inductance
versus current curve and make sure the inductor value doesn’t fall below 30% at the peak current rating of the
LM2619. Beyond this rating, the inductor loses its ability to limit current through the PWM switch to a ramp. This
can cause poor efficiency, regulation errors or stress to DC-DC converters like the LM2619. Saturation occurs
when the magnetic flux density from current through the windings of the inductor exceeds what the inductor’s
core material can support with a corresponding magnetic field.
CAPACITOR SELECTION
Use a 10µF ceramic input capacitor. Use X7R or X5R types, do not use Y5V.
Use of tantalum capacitors is not recommended.
Ceramic capacitors provide an optimal balance between small size, cost, reliability and performance for cell
phones and similar applications. A 22µF ceramic output capacitor is recommended for applications that require
increased tolerance to heavy load transients. A 10µF ceramic output capacitor can be used in applications where
the worst case load transient step is less than 200mA. Use of a 10µF output capacitor trades off smaller size for
an increase in output voltage ripple, and undershoot during load transients. Table 3 lists suggested capacitors
and suppliers.
The input filter capacitor supplies current to the PFET switch of the LM2619 in the first part of each cycle and
reduces voltage ripple imposed on the input power source. The output filter capacitor smooths out current flow
from the inductor to the load, helps maintain a steady output voltage during transient load changes and reduces
output voltage ripple. These capacitors must be selected with sufficient capacitance and sufficiently low ESR to
perform these functions.
The ESR, or equivalent series resistance, of the filter capacitors is a major factor in voltage ripple.
Table 3. Suggested Capacitors and Their Suppliers
Model
Type
Vendor
Phone
FAX
C1, C2 (Input or Output Filter Capacitor)
C2012X5ROJ106M
Ceramic
TDK
847-803-6100
847-803-6296
JMK212BJ106MG
Ceramic
Taiyo-Yuden
847-925-0888
847-925-0899
ECJ3YB0J106K
Ceramic
Panasonic
714-373-7366
714-373-7323
JMK325BJ226MM
Ceramic
Taiyo-Yuden
847-925-0888
847-925-0899
C3225X5RIA226M
Ceramic
TDK
847-803-6100
847-803-6296
DSBGA PACKAGE ASSEMBLY AND USE
Use of the DSBGA package requires specialized board layout, precision mounting and careful reflow techniques,
as detailed in application note AN-1112. Refer to the section Surface Mount Technology (SMT) Assembly
Considerations. For best results in assembly, alignment ordinals on the PC board should be used to facilitate
placement of the device.
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM2619



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com