Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2758TL/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM2758TL/NOPB
Description  LM2758 Switched Capacitor Flash LED Driver in DSBGA Package
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2758TL/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM2758TL/NOPB Datasheet HTML 3Page - Texas Instruments LM2758TL/NOPB Datasheet HTML 4Page - Texas Instruments LM2758TL/NOPB Datasheet HTML 5Page - Texas Instruments LM2758TL/NOPB Datasheet HTML 6Page - Texas Instruments LM2758TL/NOPB Datasheet HTML 7Page - Texas Instruments LM2758TL/NOPB Datasheet HTML 8Page - Texas Instruments LM2758TL/NOPB Datasheet HTML 9Page - Texas Instruments LM2758TL/NOPB Datasheet HTML 10Page - Texas Instruments LM2758TL/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
Copyright © 2016, Texas Instruments Incorporated
Gain Control
1x, 1.5x
Charge Pump
Current
Control
Flash, Torch
Mode
Control
VREF
OSC
Ind.
Torch
Flash
EN1
EN2
LED
COUT = 2.2 µF
CIN = 2.2 µF
VIN
1 µF
C1+
C1-
C2+
C2-
RSET
ISET
GND
1 µF
LED
-
CPOUT
7
LM2758
www.ti.com
SNVS551E – APRIL 2008 – REVISED MAY 2016
Product Folder Links: LM2758
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The LM2758 is an adaptive 1× and 1.5× CMOS charge pump, optimized for driving flash LEDs in camera phones
and other portable applications. It provides a constant current of 500 mA (typical) for flash mode and 107 mA
(typical) for torch mode with RSET = 20 kΩ. These current can change (see Setting LED Currents).
There are four modes of operation for LM2758: the flash mode, torch mode, indicator mode, and shutdown mode
(see Table 1). Torch and flash modes sink a constant DC current while indicator mode operates in pulsating DC
at 1/32 positive duty cycle with same current magnitude as torch mode. The LED is driven from CPOUT and
connected to the current sink. LED drive current mode is programmed by connecting a resistor, RSET, to the
current set pin, ISET. The LM2758 device also controls CPOUT with variable gain (1× or 1.5×) and adjustable
impedance (ROUT) to provide an output voltage that would account for LED forward voltage drop and headroom
for the current sink to drive desired current through LED.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Charge Pump and Gain Transitions
The input to the 1×/1.5× charge pump is connected to the VIN pin, and the loosely regulated output of the charge
pump is connected to the CPOUT pin. In 1× mode, as long as the input voltage is less than 4.7 V, the output
voltage is approximately equal to the input voltage. When input voltage is over 4.7 V the output voltage is
regulated to 4.7 V. In 1.5× mode, the output voltage is always less than or equal to 4.7 V over entire input
voltage range.
The gain of the charge pump is selected depending on the headroom voltage across the current sink of LM2758.
When headroom voltage VLED– (at the LED pin) drops below 300 mV (typical) the charge-pump gain transition
happens from 1× to 1.5× to maintain current regulation across the LED. Once the charge pump transition to a
higher gain, it remains at that gain for as long as the device remains enabled. Shutting down and then re-
enabling the device resets the gain mode to the minimum gain required to maintain the load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com