Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2758TL/NOPB Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LM2758TL/NOPB
Description  LM2758 Switched Capacitor Flash LED Driver in DSBGA Package
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2758TL/NOPB Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM2758TL/NOPB Datasheet HTML 4Page - Texas Instruments LM2758TL/NOPB Datasheet HTML 5Page - Texas Instruments LM2758TL/NOPB Datasheet HTML 6Page - Texas Instruments LM2758TL/NOPB Datasheet HTML 7Page - Texas Instruments LM2758TL/NOPB Datasheet HTML 8Page - Texas Instruments LM2758TL/NOPB Datasheet HTML 9Page - Texas Instruments LM2758TL/NOPB Datasheet HTML 10Page - Texas Instruments LM2758TL/NOPB Datasheet HTML 11Page - Texas Instruments LM2758TL/NOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
8
LM2758
SNVS551E – APRIL 2008 – REVISED MAY 2016
www.ti.com
Product Folder Links: LM2758
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
Feature Description (continued)
7.3.2 Soft Start
The LM2758 contains internal soft-start circuitry to limit inrush currents when the part is enabled. Soft start is
implemented internally with a controlled turnon of the internal voltage reference.
7.3.3 Current Limit Protection
The LM2758 charge pump contains current limit protection circuitry that protects the device during VOUT fault
conditions where excessive current is drawn. Output current is limited to 1.2 A typically.
7.3.4 Flash Time-out Feature
Flash time-out protection circuitry disables the current sinks when the signal on EN1 and EN2 is held high for
more than 814 msec (typical). This prevents the device from self-heating due to the high power dissipation during
flash conditions. During the time-out condition, voltage is still present on CPOUT but the current sinks are shut off,
resulting in no current through the flash LED. When the device goes into a time-out condition, placing a logic low
signal on EN1 and EN2 resets the timeout; a subsequent logic high signal on EN1 or EN2 returns the device to
normal operation.
7.3.5 Setting LED Currents
The current through the LED can be set by connecting an appropriately sized resistor RSET between the ISET pin
of the LM2758 and GND.
The LED current in torch mode is approximately 1639 times greater than the current of ISET, while the LED
current in flash mode is approximately 7650 times of the same ISET current. The feedback loop of an internal
amplifier sets the voltage of the ISET pin to 1.3 V (typical). The statements above are simplified in Equation 1:
ILED = GAINFLASH/TORCH × (1.3 / RSET)
(1)
The maximum recommended current through LED is 500 mA in torch mode / 700 mA in flash mode.
NOTE
If the ISET for torch mode setting at 500 mA, the flash mode would be over 700 mA
(maximum). See Figure 6. Using the device in conditions where the junction temperature
might rise above the rated maximum requires that the operating ranges and/or conditions
be de-rated. The printed circuit board also must be carefully laid out to account for high
thermal dissipation in the part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com