Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2941S/NOPB Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # LM2941S/NOPB
Description  1A Low Dropout Adjustable Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2941S/NOPB Datasheet(HTML) 18 Page - Texas Instruments

Back Button LM2941S/NOPB Datasheet HTML 14Page - Texas Instruments LM2941S/NOPB Datasheet HTML 15Page - Texas Instruments LM2941S/NOPB Datasheet HTML 16Page - Texas Instruments LM2941S/NOPB Datasheet HTML 17Page - Texas Instruments LM2941S/NOPB Datasheet HTML 18Page - Texas Instruments LM2941S/NOPB Datasheet HTML 19Page - Texas Instruments LM2941S/NOPB Datasheet HTML 20Page - Texas Instruments LM2941S/NOPB Datasheet HTML 21Page - Texas Instruments LM2941S/NOPB Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
LM2941, LM2941C
SNVS770I – JUNE 1999 – REVISED JANUARY 2015
www.ti.com
11 Device and Documentation Support
11.1 Device Support
11.1.1 Definition of Terms
Dropout Voltage The input-voltage differential at which the circuit ceases to regulate against further reduction in
input voltage. Measured when the output voltage has dropped 100 mV from the nominal value
obtained at (VOUT + 5 V) input, dropout voltage is dependent upon load current and junction
temperature.
Input-Output Differential The voltage difference between the unregulated input voltage and the regulated
output voltage for which the regulator will operate.
Input Voltage The DC voltage applied to the input terminals with respect to ground.
Line Regulation The change in output voltage for a change in the input voltage. The measurement is made
under conditions of low dissipation or by using pulse techniques such that the average chip
temperature is not significantly affected.
Load Regulation The change in output voltage for a change in load current at constant chip temperature.
Long Term Stability Output voltage stability under accelerated life-test conditions after 1000 hours with
maximum rated voltage and junction temperature.
Output Noise Voltage The rms AC voltage at the output, with constant load and no input ripple, measured over
a specified frequency range.
Quiescent Current That part of the positive input current that does not contribute to the positive load current.
The regulator ground lead current.
Ripple Rejection The ratio of the peak-to-peak input ripple voltage to the peak-to-peak output ripple voltage.
Temperature Stability of VOUT The percentage change in output voltage for a thermal variation from room
temperature to either temperature extreme.
11.2 Documentation Support
11.2.1 Related Documentation
•
AN-1520: A Guide to Board Layout for Best Thermal Resistance for Exposed Packages (SNVA183)
•
AN-1187: Leadless Leadframe Package (LLP) (SNOA401)
•
AN-2020: Thermal Design By Insight, Not Hindsight (SNVA419)
11.3 Related Links
Table 1 below lists quick access links. Categories include technical documents, support and community
resources, tools and software, and quick access to sample or buy.
Table 1. Related Links
TECHNICAL
TOOLS &
SUPPORT &
PARTS
PRODUCT FOLDER
SAMPLE & BUY
DOCUMENTS
SOFTWARE
COMMUNITY
LM2941
Click here
Click here
Click here
Click here
Click here
LM2941C
Click here
Click here
Click here
Click here
Click here
11.4 Trademarks
All trademarks are the property of their respective owners.
11.5 Electrostatic Discharge Caution
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
18
Submit Documentation Feedback
Copyright © 1999–2015, Texas Instruments Incorporated
Product Folder Links: LM2941 LM2941C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com