Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2941S/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM2941S/NOPB
Description  1A Low Dropout Adjustable Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2941S/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM2941S/NOPB Datasheet HTML 9Page - Texas Instruments LM2941S/NOPB Datasheet HTML 10Page - Texas Instruments LM2941S/NOPB Datasheet HTML 11Page - Texas Instruments LM2941S/NOPB Datasheet HTML 12Page - Texas Instruments LM2941S/NOPB Datasheet HTML 13Page - Texas Instruments LM2941S/NOPB Datasheet HTML 14Page - Texas Instruments LM2941S/NOPB Datasheet HTML 15Page - Texas Instruments LM2941S/NOPB Datasheet HTML 16Page - Texas Instruments LM2941S/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
LM2941, LM2941C
www.ti.com
SNVS770I – JUNE 1999 – REVISED JANUARY 2015
8.2.2 Detailed Design Procedure
8.2.2.1 Output Capacitor
A tantalum capacitor with a minimum capacitance value of 22
μF, and ESR in the range of 0.01 Ω to 5 Ω, is
required at the output pin for loop stability. It must be located less than 1 cm from the device. There is no
limitation on any additional capacitance.
Alternately, a high quality X5R/X7R 22
μF ceramic capacitor may be used for the output capacitor only if an
appropriate value of series resistance is added to simulate the ESR requirement. The ceramic capacitor selection
must include an appropriate voltage de-rating of the capacitance value due to the applied output voltage. The
series resistor (for ESR simulation) should be in the range of 0.1
Ω to 1 Ω.
8.2.2.2 Setting the Output Voltage
The output voltage range is 5 V to 20 V and is set by the two external resistors, R1 and R2. See the Figure 18.
The output voltage is given by the formula:
VOUT = VREF × ((R1 + R2) / R1)
where
•
VREF is typically 1.275 V
(1)
Using 1 k
Ω for R1 will ensure that the bias current error of the adjust pin will be negligible. Using a R1 value
higher than 10 k
Ω may cause the output voltage to shift across temperature due to variations in the adjust pin
bias current.
Calculating the upper resistor (R2) value of the pair when the lower resistor (R1) value is known is accomplished
with the following formula:
R2 = R1 × ((VOUT / VREF) – 1)
(2)
The resistors used for R1 and R2 should be high quality, tight tolerance, and with matching temperature
coefficients. It is important to remember that, although the value of VREF is ensured, the final value of VOUT is not.
The use of low quality resistors for R1 and R2 can easily produce a VOUT value that is unacceptable.
8.2.3 Application Curves
Figure 19. Low Voltage Behavior
Figure 20. Output at Voltage Extremes
Copyright © 1999–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM2941 LM2941C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com