Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LS14DBRG4 Datasheet(PDF) 4 Page - Texas Instruments

Part # SN74LS14DBRG4
Description  HEX SCHMITT-TRIGGER INVERTERS
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LS14DBRG4 Datasheet(HTML) 4 Page - Texas Instruments

  SN74LS14DBRG4 Datasheet HTML 1Page - Texas Instruments SN74LS14DBRG4 Datasheet HTML 2Page - Texas Instruments SN74LS14DBRG4 Datasheet HTML 3Page - Texas Instruments SN74LS14DBRG4 Datasheet HTML 4Page - Texas Instruments SN74LS14DBRG4 Datasheet HTML 5Page - Texas Instruments SN74LS14DBRG4 Datasheet HTML 6Page - Texas Instruments SN74LS14DBRG4 Datasheet HTML 7Page - Texas Instruments SN74LS14DBRG4 Datasheet HTML 8Page - Texas Instruments SN74LS14DBRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
SN5414, SN54LS14,
SN7414, SN74LS14
HEX SCHMITT-TRIGGER INVERTERS
SDLS049B – DECEMBER 1983 – REVISED FEBRUARY 2002
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature (unless otherwise noted)†
Supply voltage, VCC (see Note 1)
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage: ’14
5.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
’LS14
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Note 2):D package
86
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
DB package
96
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
N package
80
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
NS package
76
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperaturerange, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. Voltage values are with respect to network ground terminal.
2. The package termal impedance is calculated in accordance with JESD 51-7
recommended operating conditions
SN5414
SN7414
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
4.75
5
5.25
V
IOH
High-level output current
–0.8
–0.8
mA
IOL
Low-level output current
16
16
mA
TA
Operating free-air temperature
–55
125
0
70
°C
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS‡
SN5414
SN7414
UNIT
TEST CONDITIONS
MIN
TYP§
MAX
VT+
VCC = 5 V
1.5
1.7
2
V
VT–
VCC = 5 V
0.6
0.9
1.1
V
Hysteresis
(VT+ – VT–)
VCC = 5 V
0.4
0.8
V
VIK
VCC = MIN,
II = –12 mA
–1.5
V
VOH
VCC = MIN,
VI = 0.6 V,
IOH = –0.8 mA
2.4
3.4
V
VOL
VCC = MIN,
VI = 2 V,
IOL = 16 mA
0.2
0.4
V
IT+
VCC = 5 V,
VI = VT+
–0.43
mA
IT–
VCC = 5 V,
VI = VT–
–0.56
mA
II
VCC = MAX,
VI = 5.5 V
1
mA
IIH
VCC = MAX,
VIH = 2.4 V
40
µA
IIL
VCC = MAX,
VIL = 0.4 V
–0.8
–1.2
mA
IOS¶
VCC = MAX
–18
–55
mA
ICCH
VCC = MAX
22
36
mA
ICCL
VCC = MAX
39
60
mA
‡ For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.
§ All typical values are at VCC = 5 V, TA = 25°C.
¶ Not more than one output should be shorted at a time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com