Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LS14DBRG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74LS14DBRG4
Description  HEX SCHMITT-TRIGGER INVERTERS
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LS14DBRG4 Datasheet(HTML) 1 Page - Texas Instruments

  SN74LS14DBRG4 Datasheet HTML 1Page - Texas Instruments SN74LS14DBRG4 Datasheet HTML 2Page - Texas Instruments SN74LS14DBRG4 Datasheet HTML 3Page - Texas Instruments SN74LS14DBRG4 Datasheet HTML 4Page - Texas Instruments SN74LS14DBRG4 Datasheet HTML 5Page - Texas Instruments SN74LS14DBRG4 Datasheet HTML 6Page - Texas Instruments SN74LS14DBRG4 Datasheet HTML 7Page - Texas Instruments SN74LS14DBRG4 Datasheet HTML 8Page - Texas Instruments SN74LS14DBRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
SN5414, SN54LS14,
SN7414, SN74LS14
HEX SCHMITT-TRIGGER INVERTERS
SDLS049B – DECEMBER 1983 – REVISED FEBRUARY 2002
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Operation From Very Slow Edges
D Improved Line-Receiving Characteristics
D High Noise Immunity
description
Each circuit functions as an inverter, but because
of the Schmitt action, it has different input
threshold levels for positive-going (VT+) and
negative-going (VT–) signals.
These circuits are temperature compensated and
can be triggered from the slowest of input ramps
and still give clean, jitter-free output signals.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP
N
Tube
SN7414N
SN7414N
PDIP – N
Tube
SN74LS14N
SN74LS14N
Tube
SN7414D
7414
0
°Cto70°C
SOIC
D
Tape and reel
SN7414DR
7414
0
°C to 70°C
SOIC – D
Tube
SN74LS14D
LS14
Tape and reel
SN74LS14DR
LS14
SOP – NS
Tape and reel
SN7414NSR
SN7414
SSOP – DB
Tape and reel
SN74LS14DBR
LS14
Tube
SN5414J
SN5414J
CDIP
J
Tube
SNJ5414J
SNJ5414J
CDIP – J
Tube
SN54LS14J
SN54LS14J
–55
°C to 125°C
Tube
SNJ54LS14J
SNJ54LS14J
CFP
W
Tube
SNJ5414W
SNJ5414W
CFP – W
Tube
SNJ54LS14W
SNJ54LS14W
LCCC – FK
Tube
SNJ54LS14FK
SNJ54LS14FK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
Copyright
 2002, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
SN5414, SN54LS14 ...J OR W PACKAGE
SN7414 . . . D, N, OR NS PACKAGE
SN74LS14 . . . D, DB, OR N PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1Y
2A
2Y
3A
3Y
GND
VCC
6A
6Y
5A
5Y
4A
4Y
32
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
6Y
NC
5A
NC
5Y
2A
NC
2Y
NC
3A
NC – No internal connection
SN54LS14 . . . FK PACKAGE
(TOP VIEW)
On products compliant to MIL-PRF-38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Similar Part No. - SN74LS14DBRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LS14DBRG4 TI-SN74LS14DBRG4 Datasheet
960Kb / 27P
HEX SCHMITT-TRIGGER INVERTERS
More results

Similar Description - SN74LS14DBRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC14 TI-SN54HC14 Datasheet
77Kb / 15P
HEX SCHMITT-TRIGGER INVERTERS
SN54LV14A TI-SN54LV14A Datasheet
647Kb / 16P
HEX SCHMITT-TRIGGER INVERTERS
logo
Hitachi Semiconductor
HD74LVC14 HITACHI-HD74LVC14 Datasheet
36Kb / 8P
Hex Schmitt-trigger Inverters
HD74HC14FH HITACHI-HD74HC14FH Datasheet
44Kb / 8P
Hex Schmitt-trigger Inverters
logo
Texas Instruments
SN54HCT14 TI-SN54HCT14_07 Datasheet
562Kb / 20P
HEX SCHMITT-TRIGGER INVERTERS
SN54LV14 TI-SN54LV14 Datasheet
117Kb / 6P
HEX SCHMITT-TRIGGER INVERTERS
SN54HCT14 TI-SN54HCT14_08 Datasheet
686Kb / 19P
HEX SCHMITT-TRIGGER INVERTERS
logo
Renesas Technology Corp
HD74LVC14 RENESAS-HD74LVC14 Datasheet
193Kb / 6P
Hex Schmitt-trigger Inverters
logo
Unisonic Technologies
U74LVC14A UTC-U74LVC14A Datasheet
170Kb / 5P
HEX SCHMITT-TRIGGER INVERTERS
U74AHC14 UTC-U74AHC14_15 Datasheet
182Kb / 5P
HEX SCHMITT-TRIGGER INVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com