Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA8028 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # SA8028
Description  2.5 GHz sigma delta fractional-N / 760 MHz IF integer frequency synthesizers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA8028 Datasheet(HTML) 4 Page - NXP Semiconductors

  SA8028 Datasheet HTML 1Page - NXP Semiconductors SA8028 Datasheet HTML 2Page - NXP Semiconductors SA8028 Datasheet HTML 3Page - NXP Semiconductors SA8028 Datasheet HTML 4Page - NXP Semiconductors SA8028 Datasheet HTML 5Page - NXP Semiconductors SA8028 Datasheet HTML 6Page - NXP Semiconductors SA8028 Datasheet HTML 7Page - NXP Semiconductors SA8028 Datasheet HTML 8Page - NXP Semiconductors SA8028 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
Philips Semiconductors
Product data
SA8028
2.5 GHz sigma delta fractional-N /
760 MHz IF integer frequency synthesizers
2002 Feb 22
4
VDD
SR02379
CLOCK
DATA
STROBE
RFin+
RFin–
REFin+
REFin–
IFin
TEST
LOAD SIGNALS
ADDRESS DECODER
2–BIT SHIFT
REGISTER
22–BIT SHIFT
REGISTER
CONTROL
LATCH
LATCH
RF DIVIDER
REF DIVIDER
22 2 2
LATCH
16
17
5
4
20
19
18
11
23
LATCH
IF DIVIDER
PHASE
DETECTOR
PHASE
DETECTOR
PUMP
BIAS
PUMP
CURRENT
SETTING
14
VDDCP
GND
2
SA
6, 9
24
GNDCP
RSET
PHP
PHI
LOCK
PHA
15
7
8
22
10
PON
21
SIGMA-DELTA
GNDPre
3
1
VDDpre
LOCK
DETECT
Figure 2.
HBCC24 Block Diagram
HBCC24 PIN DESCRIPTION
SYMBOL
PIN
DESCRIPTION
VDDpre
1
Prescaler supply voltage
GND
2
Ground; digital
GNDPre
3
Prescaler ground; analog
RFin+
4
Input to RF divider (+)
RFin–
5
Input to RF divider (–)
GNDCP
6
Charge pump ground; analog
PHP
7
RF normal charge pump output
PHI
8
RF integral charge pump output
GNDCP
9
Charge pump ground; analog
PHA
10
IF charge pump output
IFin
11
Input to IF divider
N/C
12
Not connected
SYMBOL
PIN
DESCRIPTION
N/C
13
Not connected
VDDCP
14
Charge pump supply voltage; analog
RSET
15
External resistor from this pin to ground
sets the charge pump current
REFin–
16
Input to reference (–)
REFin+
17
Input to reference (+)
CLOCK
18
Programming bus clock input
DATA
19
Programming bus data input
STROBE
20
Programming bus enable input
PON
21
Power-down control input
LOCK
22
Lock detect output
TEST
23
Test (should be either grounded or
connected to VDD)
VDD
24
Supply; digital



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com