Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP8420A Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8420A
Description  microCMOS Programmable 256k/1M/4M Dynamic RAM Controller/Drivers
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8420A Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DP8420A Datasheet HTML 1Page - National Semiconductor (TI) DP8420A Datasheet HTML 2Page - National Semiconductor (TI) DP8420A Datasheet HTML 3Page - National Semiconductor (TI) DP8420A Datasheet HTML 4Page - National Semiconductor (TI) DP8420A Datasheet HTML 5Page - National Semiconductor (TI) DP8420A Datasheet HTML 6Page - National Semiconductor (TI) DP8420A Datasheet HTML 7Page - National Semiconductor (TI) DP8420A Datasheet HTML 8Page - National Semiconductor (TI) DP8420A Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 58 page
background image
Table of Contents
10 INTRODUCTION
20 SIGNAL DESCRIPTIONS
21 Address RW and Programming Signals
22 DRAM Control Signals
23 Refresh Signals
24 Port A Access Signals
25 Port B Access Signals (DP8422A)
26 Common Dual Port Signals (DP8422A)
27 Power Signals and Capacitor Input
28 Clock Inputs
30 PROGRAMMING AND RESETTING
31 External Reset
32 Programming Methods
321 Mode Load Only Programming
322 Chip Selected Access Programming
33 Internal Programming Modes
40 PORT A ACCESS MODES
41 Access Mode 0
42 Access Mode 1
43 Extending CAS with Either Access Mode
44 Read-Modify-Write Cycles with Either Access Mode
45 Additional Access Support Features
451 Address Latches and Column Increment
452 Address Pipelining
453 Delay CAS During Write Accesses
50 REFRESH OPTIONS
51 Refresh Control Modes
511 Automatic Internal Refresh
512 Externally ControlledBurst Refresh
513 Refresh RequestAcknowledge
52 Refresh Cycle Types
521 Conventional Refresh
522 Staggered RefreshTM
523 Error Scrubbing Refresh
53 Extending Refresh
54 Clearing the Refresh Address Counter
55 Clearing the Refresh Request Clock
60 PORT A WAIT STATE SUPPORT
61 WAIT Type Output
62 DTACK Type Output
63 Dynamically Increasing the Number of Wait States
64 Guaranteeing RAS Low Time and RAS Precharge
Time
70 RAS AND CAS CONFIGURATION MODES
71 Byte Writing
72 Memory Interleaving
73 Address Pipelining
74 Error Scrubbing
75 PageBurst Mode
80 TEST MODE
90 DRAM CRITICAL TIMING PARAMETERS
91 Programmable Values of tRAH and tASC
92 Calculation of tRAH and tASC
100 DUAL ACCESSING (DP8422A)
101 Port B Access Mode
102 Port B Wait State Support
103 Common Port A and Port B Dual Port Functions
1031 GRANTB Output
1032 LOCK Input
110 ABSOLUTE MAXIMUM RATINGS
120 DC ELECTRICAL CHARACTERISTICS
130 AC TIMING PARAMETERS
140 FUNCTIONAL DIFFERENCES BETWEEN THE
DP8420A21A22A AND THE DP84202122
150 DP8420A21A22A USER HINTS
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com