| Electronic Components Datasheet Search |
|
DP8420A Datasheet(PDF) 21 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DP8420A Datasheet(HTML) 21 Page - National Semiconductor (TI) |
|
21 / 58 page ![]() 50 Refresh Options The DP8420A21A22A support three refresh control mode options 1 Automatic Internally Controlled Refresh 2 Externally ControlledBurst Refresh 3 Refresh RequestAcknowledge With each of the control modes above three types of re- fresh can be performed 1 All RAS Refresh 2 Staggered Refresh 3 Error Scrubbing During All RAS Refresh There are three inputs EXTNDRF RFSH and DISRFSH and two outputs RFIP and RFRQ associated with refresh There are also ten programming bits R0 – 1 R9 C0 – 6 and ECAS0 used to program the various types of refreshing Asserting the input EXTNDRF extends the refresh cycle for a single or multiple integral periods of CLK The output RFIP is asserted one period of CLK before the first refresh RAS is asserted If an access is currently in progress RFIP will be asserted up to one period of CLK before the first refresh RAS after AREQ or AREQB is nega- ted for the access (see Figure 13 ) The DP8420A21A22A will increment the refresh address counter automatically independent of the refresh mode used The refresh address counter will be incremented once all the refresh RASs have been negated In every combination of refresh control mode and refresh type the DP8420A21A22A is programmed to keep RAS asserted a number of CLK periods The time values of RAS low during refresh are programmed through programming bits R0 and R1 51 REFRESH CONTROL MODES 511 Automatic Internal Refresh The DP8420A21A22A have an internal refresh clock The period of the refresh clock is generated from the program- ming bits C0 – 3 Every period of the refresh clock an inter- nal refresh request is generated As long as a DRAM ac- cess is not currently in progress and precharge time has been met the internal refresh request will generate an auto- matic internal refresh If a DRAM access is in progress the DP8420A21A22A on-chip arbitration logic will wait until the access is finished before performing the refresh The refreshaccess arbitration logic can insert a refresh cycle between two address pipelined accesses However the re- fresh arbitration logic can not interrupt an access cycle to perform a refresh To enable automatic internally controlled refreshes the input DISRFSH must be negated TLF8588 – F8 Explanation of Terms RFRQ e ReFresh ReQuest internal to the DP8420A21A22A RFRQ has the ability to hold off a pending access RFSH e Externally requested ReFreSH RFIP e ReFresh in Progress ACIP e Port A or Port B (DP8422A only) ACcess in Progress This means that either RAS is low for an access or is in the process of transitioning low for an access FIGURE 13 DP8420A21A22A AccessRefresh Arbitration State Program 21 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |