Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC5509 Datasheet(PDF) 36 Page - Texas Instruments

Part # TMS320VC5509
Description  Fixed-Point Digital Signal Processor
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5509 Datasheet(HTML) 36 Page - Texas Instruments

Back Button TMS320VC5509 Datasheet HTML 32Page - Texas Instruments TMS320VC5509 Datasheet HTML 33Page - Texas Instruments TMS320VC5509 Datasheet HTML 34Page - Texas Instruments TMS320VC5509 Datasheet HTML 35Page - Texas Instruments TMS320VC5509 Datasheet HTML 36Page - Texas Instruments TMS320VC5509 Datasheet HTML 37Page - Texas Instruments TMS320VC5509 Datasheet HTML 38Page - Texas Instruments TMS320VC5509 Datasheet HTML 39Page - Texas Instruments TMS320VC5509 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 122 page
background image
Functional Overview
36
April 2001 − Revised September 2004
SPRS163G
3.1.6 Boot Configuration
The on-chip bootloader provides a method to transfer application code and tables from an external source to
the on-chip RAM memory at power up. These options include:
•
Enhanced host-port interface (HPI) in multiplexed or nonmultiplexed mode
•
External 16-bit-wide asynchronous memory boot (via the EMIF)
•
Serial port boot (from McBSP0) with 8-bit or 16-bit element length
•
Serial EPROM boot (from McBSP0) supporting EPROMs with 16-bit or 24-bit address
•
USB boot
•
Direct execution from external 16-bit-wide asynchronous memory
External pins select the boot configuration. The values of GPIO[3:0] are sampled, following reset, upon
execution of the on-chip bootloader code. It is not possible to disable the bootloader at reset because the 5509
always starts execution from the on-chip ROM following a hardware reset. A summary of boot configurations
is shown in Table 3−3. For more information on using the bootloader, see the Using the
TMS320C5509/C5509A Bootloader application report (literature number SPRA375).
Table 3−3. Boot Configuration Summary
GPIO0
GPIO3
GPIO2
GPIO1
BOOT MODE PROCESS
0
0
0
0
Reserved
0
0
0
1
Serial (SPI) EPROM Boot (24-bit address) via McBSP0
0
0
1
0
USB
0
0
1
1
Reserved
0
1
0
0
Reserved
0
1
0
1
HPI – multiplexed mode
0
1
1
0
HPI – nonmultiplexed mode
0
1
1
1
Reserved
1
0
0
0
Execute from 16-bit-wide asynchronous memory (on CE1 space)
1
0
0
1
Serial (SPI) EPROM Boot (16-bit address) via McBSP0
1
0
1
0
Reserved
1
0
1
1
16-bit asynchronous memory (on CE1 space)
1
1
0
0
Reserved
1
1
0
1
Reserved
1
1
1
0
Standard serial boot via McBSP0 (16-bit data)
1
1
1
1
Standard serial boot via McBSP0 (8-bit data)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com