Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC5509 Datasheet(PDF) 3 Page - Texas Instruments

Part # TMS320VC5509
Description  Fixed-Point Digital Signal Processor
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5509 Datasheet(HTML) 3 Page - Texas Instruments

  TMS320VC5509 Datasheet HTML 1Page - Texas Instruments TMS320VC5509 Datasheet HTML 2Page - Texas Instruments TMS320VC5509 Datasheet HTML 3Page - Texas Instruments TMS320VC5509 Datasheet HTML 4Page - Texas Instruments TMS320VC5509 Datasheet HTML 5Page - Texas Instruments TMS320VC5509 Datasheet HTML 6Page - Texas Instruments TMS320VC5509 Datasheet HTML 7Page - Texas Instruments TMS320VC5509 Datasheet HTML 8Page - Texas Instruments TMS320VC5509 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 122 page
background image
Revision History
3
April 2001 − Revised September 2004
SPRS163G
REVISION HISTORY
This revision history highlights the technical changes made to SPRS163F to generate SPRS163G.
Scope: Deleted Section 6.1 (Ball Grid Array Mechanical Data) and Section 6.2 (Low-Profile Quad Flatpack
Mechanical Data). Mechanical drawings of the 179-terminal GHH package and the 144-pin PGE package will be
appended to this document via an automated process.
PAGE(S)
NO.
ADDITIONS/CHANGES/DELETIONS
17
Table 2−3, Signal Descriptions:
− updated FUNCTION column of McBSP2.FSX:
− changed “McBSP1.FSX is selected when the External Bus Selection Register has 00 in ...” to “McBSP2.FSX is
selected when the External Bus Selection Register has 00 in ...”
37
Section 3.3, Direct Memory Access (DMA) Controller:
− updated “The 5509 DMA controller allows transfers to be synchronized ...” paragraph:
− changed “The 5509 supports 21 separate sync events ...” to “The 5509 supports 19 separate sync events ...”
62
Table 3−33, USB Module Registers:
− deleted 0x67A0 row (HOSTCTL, Host DMA Control Register)
− deleted 0x67A1 row (HOSTEP, Host DMA Endpoint Register)
− deleted 0x67A2 row (HOST, Host DMA Status)
66
Figure 3−17, IFR0 and IER0 Bit Locations:
− added reset values
68
Section 3.10.3.1, Waking Up From IDLE With Oscillator Disabled:
− updated title of SPRA078
69
Section 4, Documentation Support:
− added “Disabling the Internal Oscillator on the TMS320VC5507/5509/5509A DSP application report (literature
number SPRA078)”
70
Updated Section 4.1, Device and Development-Support Tool Nomenclature
77
Section 5.6.1, Internal System Oscillator With External Crystal:
− “The internal oscillator is always enabled following a device reset ...” paragraph:
− changed “The oscillator requires an external crystal or ceramic resonator connected across the X1 and X2/CLKIN
pins.” to “The oscillator requires an external crystal connected across the X1 and X2/CLKIN pins.”
98
Table 5−25, McBSP Transmit and Receive Timing Requirements:
− updated footnote about “P” value
99
Table 5−26, McBSP Transmit and Receive Switching Characteristics:
− updated footnote about “P” value
101
Table 5−27, McBSP General-Purpose I/O Timing Requirements:
− updated footnote about “P” value
102
Table 5−29, McBSP as SPI Master or Slave Timing Requirements (CLKSTP = 10b, CLKXP = 0):
− updated footnote about “P” value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com