Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GX1 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GX1
Description  Processor Series Low Power Integrated x86 Solution
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GX1 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  GX1 Datasheet HTML 1Page - National Semiconductor (TI) GX1 Datasheet HTML 2Page - National Semiconductor (TI) GX1 Datasheet HTML 3Page - National Semiconductor (TI) GX1 Datasheet HTML 4Page - National Semiconductor (TI) GX1 Datasheet HTML 5Page - National Semiconductor (TI) GX1 Datasheet HTML 6Page - National Semiconductor (TI) GX1 Datasheet HTML 7Page - National Semiconductor (TI) GX1 Datasheet HTML 8Page - National Semiconductor (TI) GX1 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 247 page
background image
Revision 1.0
3
www.national.com
Flexible Power Management
 Supports a wide variety of standards:
— APM (Advanced Power Management) for Legacy
power management
— ACPI (Advanced Configuration and Power Interface)
for Windows power management
– Direct support for all standard processor (C0-C4)
states
— OnNOW design initiative compliant
 Supports a wide variety of hardware and software
controlled modes:
— Active Idle (core-only stopped, display active)
— Standby (core and all integrated functions halted)
— Sleep (core and integrated functions halted and all
external clocks stopped)
— Suspend Modulation (automatic throttling of CPU
core via Geode I/O or graphics companion chip)
– Programmable duty cycle for optimal performance/
thermal balancing
— Several dedicated and programmable wake-up
events (via Geode I/O or graphics companion chip)
PCI Host Controller
 Several arbitration schemes supported
 Directly supports up to three PCI bus masters, more with
external logic
 Synchronous to CPU core
 Allows external PCI master accesses to main memory
concurrent with CPU accesses to L1 cache
Virtual Systems Architecture Technology
 Innovative architecture allowing OS independent (soft-
ware) virtualization of hardware functions
 Provides XpressGRAPHICS subsystem:
— High performance legacy VGA core compatibility
Note:
The GUI acceleration is pure hardware.
 Provides 16-bit XpressAUDIO subsystem:
— 16-bit stereo FM synthesis
—OPL3 emulation
— Supports MPU-401 MIDI interface
— Hardware assist provided via Geode I/O companion
chip
 Additional hardware functions can be supported as
needed
2D Graphics Accelerator
 Accelerates BitBLTs, line draw, text:
— Bresenham vector engine
 Supports all 256 Raster Operations (ROPs)
 Supports transparent BLTs and page flipping for
Microsoft’s DirectDraw
 Runs at core clock frequency
 Full VGA and VESA mode support
 Special "driver level” instructions utilize internal
scratchpad for enhanced performance
Display Controller
 Display Compression Technology (DCT) architecture
greatly reduces memory bandwidth consumption of
display refresh
 Supports a separate video buffer and data path to
enable video acceleration in Geode I/O and graphics
companion chips
 Internal palette RAM for gamma correction
 Direct interface to Geode I/O and graphics companion
chips for CRT and TFT flat panel support eliminates the
need for an external RAMDAC
 Hardware cursor
 Supports up to 1280x1024x8 bpp and 1024x768x16 bpp
XpressRAM
 SDRAM interface tightly coupled to CPU core and
graphics subsystem for maximum efficiency
 64-Bit wide memory bus
 Support for:
— Two 168-pin unbuffered DIMMs
— Up to 16 simultaneously open banks
— 16-byte reads (burst length of two)
— Up to 512 MB total memory supported
Diverse Operating System Support
 Microsoft’s Windows 2000, Windows 95, Windows 98,
and Windows NT in non PC applications; along with
Windows CE and Windows NTE
 WindRiver System’s VxWorks
 QNX Software Systems’ QNX
 Linux



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com