Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GX1 Datasheet(PDF) 56 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GX1
Description  Processor Series Low Power Integrated x86 Solution
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GX1 Datasheet(HTML) 56 Page - National Semiconductor (TI)

Back Button GX1 Datasheet HTML 52Page - National Semiconductor (TI) GX1 Datasheet HTML 53Page - National Semiconductor (TI) GX1 Datasheet HTML 54Page - National Semiconductor (TI) GX1 Datasheet HTML 55Page - National Semiconductor (TI) GX1 Datasheet HTML 56Page - National Semiconductor (TI) GX1 Datasheet HTML 57Page - National Semiconductor (TI) GX1 Datasheet HTML 58Page - National Semiconductor (TI) GX1 Datasheet HTML 59Page - National Semiconductor (TI) GX1 Datasheet HTML 60Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 247 page
background image
www.national.com
56
Revision 1.0
Processor Programming (Continued)
The Debug Status Register (DR6) reflects conditions that
were in effect at the time the debug exception occurred.
The contents of the DR6 register are not automatically
cleared by the processor after a debug exception occurs,
and therefore should be cleared by software at the appro-
priate time. Code execution breakpoints may also be gen-
erated by placing the breakpoint instruction (INT3) at the
location where control is to be regained. The single-step
feature may be enabled by setting the TF flag (bit 8) in the
EFLAGS register. This causes the processor to perform a
debug exception after the execution of every instruction.
Table 3-13. DR7 and DR6 Bit Definitions
Field(s)
Number
of Bits
Description
DR7 Register1
Debug Control Register (R/W)
R/Wn
2
Applies to the DRn breakpoint address register:
00 = Break on instruction execution only
01 = Break on data write operations only
10 = Not used
11 = Break on data reads or write operations
LENn
2
Applies to the DRn breakpoint address register:
00 = One-byte length
01 = Two-byte length
10 = Not used
11 = Four-byte length
Gn
1
If = 1: Breakpoint in DRn is globally enabled for all tasks and is not cleared by the processor as the
result of a task switch.
Ln
1
If = 1: Breakpoint in DRn is locally enabled for the current task and is cleared by the processor as the
result of a task switch.
GD
1
Global disable of debug register access. GD bit is cleared whenever a debug exception occurs.
DR6 Register1
Debug Status Register (RO)
Bn
1
Bn is set by the processor if the conditions described by DRn, R/Wn, and LENn occurred when the
debug exception occurred, even if the breakpoint is not enabled via the Gn or Ln bits.
BT
1
BT is set by the processor before entering the debug handler if a task switch has occurred to a task with
the T bit in the TSS set.
BS
1
BS is set by the processor if the debug exception was triggered by the single-step execution mode (TF
flag, bit 8, in EFLAGS set).
1.
n = 0, 1, 2, and 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com