Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMS3012SFG Datasheet(PDF) 6 Page - Diodes Incorporated

Part # DMS3012SFG
Description  30V N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMS3012SFG Datasheet(HTML) 6 Page - Diodes Incorporated

  DMS3012SFG Datasheet HTML 1Page - Diodes Incorporated DMS3012SFG Datasheet HTML 2Page - Diodes Incorporated DMS3012SFG Datasheet HTML 3Page - Diodes Incorporated DMS3012SFG Datasheet HTML 4Page - Diodes Incorporated DMS3012SFG Datasheet HTML 5Page - Diodes Incorporated DMS3012SFG Datasheet HTML 6Page - Diodes Incorporated DMS3012SFG Datasheet HTML 7Page - Diodes Incorporated DMS3012SFG Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
DMS3012SFG
0
5
10
15
20
1,000
10,000
100
Fig. 12 Typical Total Capacitance
V
, DRAIN-SOURCE VOLTAGE (V)
DS
C
iss
Crss
C
oss
f = 1MHz
0
10
20
30
Fig. 13 Typical Leakage Current
vs. Drain-Source Voltage
V
, DRAIN-SOURCE VOLTAGE (V)
DS
1
10
100
1,000
10,000
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
0
2
4
6
8
10
0
5
10
15
20
25
30
35
Q , OTAL GATE CHARGE (nC)
Fig. 14 Gate-Source Voltage vs. Total Gate Charge
g T
V
= 15V
I = 13.5A
DS
D
POWERDI is a registered trademark of Diodes Incorporated.
DMS3012SFG
Document number: DS35441 Rev. 8 - 2
6 of 8
www.diodes.com
July 2014
© Diodes Incorporated



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com