Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMS3012SFG Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMS3012SFG
Description  30V N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMS3012SFG Datasheet(HTML) 3 Page - Diodes Incorporated

  DMS3012SFG Datasheet HTML 1Page - Diodes Incorporated DMS3012SFG Datasheet HTML 2Page - Diodes Incorporated DMS3012SFG Datasheet HTML 3Page - Diodes Incorporated DMS3012SFG Datasheet HTML 4Page - Diodes Incorporated DMS3012SFG Datasheet HTML 5Page - Diodes Incorporated DMS3012SFG Datasheet HTML 6Page - Diodes Incorporated DMS3012SFG Datasheet HTML 7Page - Diodes Incorporated DMS3012SFG Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
DMS3012SFG
0.1
1
10
100
-V
, DRAIN-SOURCE VOLTAGE (V)
Fig. 1 SOA, Safe Operation Area
DS
0.01
0.1
1
10
100
t1, PULSE DURATION TIME (sec)
Fig. 2 Single Pulse Maximum Power Dissipation
0
10
20
30
40
50
60
70
80
90
100
0.001 0.01
0.1
1
10
100
1,000
Single Pulse
R
= 61 C/W
R
= r
* R
T - T = P * R
θ
θθ
θ
JA
JA(t)
(t)
JA
J
A
JA(t)
°
0.0001
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1,000
t1, PULSE DURATION TIME (sec)
Fig. 3 Transient Thermal Resistance
0.001
0.01
0.1
1
R
= r
* R
θJA(t)
(t)
θ
θ
JA
JA
R
= 61 C/W
Duty Cycle, D = t1/t2
°
D = 0.5
D = 0.7
D = 0.9
D = 0.3
D = 0.1
D = 0.05
D = 0.02
D = 0.01
D = 0.005
D = Single Pulse
POWERDI is a registered trademark of Diodes Incorporated.
DMS3012SFG
Document number: DS35441 Rev. 8 - 2
3 of 8
www.diodes.com
July 2014
© Diodes Incorporated



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com