Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3204 Datasheet(PDF) 14 Page - Texas Instruments

Part # LM3204
Description  Miniature, Adjustable, Step-Down DC-DC Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3204 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM3204 Datasheet HTML 10Page - Texas Instruments LM3204 Datasheet HTML 11Page - Texas Instruments LM3204 Datasheet HTML 12Page - Texas Instruments LM3204 Datasheet HTML 13Page - Texas Instruments LM3204 Datasheet HTML 14Page - Texas Instruments LM3204 Datasheet HTML 15Page - Texas Instruments LM3204 Datasheet HTML 16Page - Texas Instruments LM3204 Datasheet HTML 17Page - Texas Instruments LM3204 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
LM3204
SNVS351C – JUNE 2005 – REVISED APRIL 2013
www.ti.com
MOSFET) synchronous rectifier on. In response, the inductor’s magnetic field collapses, generating a voltage
that forces current from ground through the synchronous rectifier to the output filter capacitor and load. As the
stored energy is transferred back into the circuit and depleted, the inductor current ramps down with a slope
around VOUT / L. The output filter capacitor stores charge when the inductor current is going high, and releases it
when inductor current is going low, smoothing the voltage across the load.
The output voltage is regulated by modulating the PFET switch on time to control the average current sent to the
load. The effect is identical to sending a duty-cycle modulated rectangular wave formed by the switch and
synchronous rectifier at SW to a low-pass filter formed by the inductor and output filter capacitor. The output
voltage is equal to the average voltage at the SW pin.
PWM Mode
While in PWM (Pulse Width Modulation) mode, the output voltage is regulated by switching at a constant
frequency and then modulating the energy per cycle to control power to the load. Energy per cycle is set by
modulating the PFET switch on-time pulse width to control the peak inductor current. This is done by comparing
the PFET drain current to a slope-compensated reference current generated by the error amplifier. At the
beginning of each cycle, the clock turns on the PFET switch, causing the inductor current to ramp up. When the
current sense signal ramps past the error amplifier signal, the PWM comparator turns off the PFET switch and
turns on the NFET synchronous rectifier, ending the first part of the cycle. If an increase in load pulls the output
down, the error amplifier output increases, which allows the inductor current to ramp higher before the
comparator turns off the PFET. This increases the average current sent to the output and adjusts for the increase
in the load. The minimum on-time of PFET in PWM mode is 50ns (typ.).
Bypass Mode
The LM3204 contains an internal PFET switch for bypassing the PWM DC-DC converter during Bypass mode. In
Bypass mode, this PFET is turned on to power the PA directly from the battery for maximum RF output power.
Bypass mode is more efficient than operating in PWM mode at 100% duty cycle because the resistance of the
bypass PFET is less than the series resistance of the PWM PFET and inductor. This translates into higher
voltage available on the output in Bypass mode, for a given battery voltage. The part can be placed in bypass
mode by sending BYP pin high. This is called Forced Bypass Mode and it remains in bypass mode until BYP pin
goes low.
Alternatively the part can go into Bypass mode automatically. This is called Auto-bypass mode or Automatic
Bypass mode. The bypass switch turns on when the difference between the input voltage and programmed
output voltage is less than 250mV (typ.) for more than the bypass delay time of 15µs (typ.). The bypass switch
turns off when the input voltage is higher than the programmed output voltage by 450mV (typ.) for longer than
the bypass delay time. The bypass delay time is provided to prevent false triggering into Automatic Bypass mode
by either spikes or dips in VIN. This method is very system resource friendly in that the Bypass PFET is turned on
automatically when the input voltage gets close to the output voltage, typical scenario of a discharging battery. It
is also turned off automatically when the input voltage rises, typical scenario of a charger connected. Another
scenario could be changes made to VCON voltage causing Bypass PFET to turn on and off automatically. It is
recommended to connect BYPOUT pin directly to the output capacitor with a separate trace and not to the FB
pin.
If the VCON is less than approximately 0.15V, the Bypass FET is turned off.
Operating Mode Selection Control
The BYP digital input pin is used to select between PWM/Auto-bypass and Bypass operating mode. Setting BYP
pin high (>1.2V) places the device in Forced Bypass mode. Setting BYP pin low (<0.4V) or leaving it floating
places the device in PWM/Auto-bypass mode.
Bypass and PWM operation overlap during the transition between the two modes. This transition time is
approximately 31µs when changing from PWM to Bypass mode, and 15µs when changing from Bypass to PWM
mode. This helps prevent under or overshoots during the transition period between PWM and Bypass modes.
Shutdown Mode
Setting the EN digital pin low (<0.4V) places the LM3204 in a 0.1µA (typ.) Shutdown mode. During shutdown, the
PFET switch, NFET synchronous rectifier, reference voltage source, control and bias circuitry of the LM3204 are
turned off. Setting EN high (>1.2V) enables normal operation.
14
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LM3204



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com