Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3204 Datasheet(PDF) 17 Page - Texas Instruments

Part # LM3204
Description  Miniature, Adjustable, Step-Down DC-DC Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3204 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM3204 Datasheet HTML 13Page - Texas Instruments LM3204 Datasheet HTML 14Page - Texas Instruments LM3204 Datasheet HTML 15Page - Texas Instruments LM3204 Datasheet HTML 16Page - Texas Instruments LM3204 Datasheet HTML 17Page - Texas Instruments LM3204 Datasheet HTML 18Page - Texas Instruments LM3204 Datasheet HTML 19Page - Texas Instruments LM3204 Datasheet HTML 20Page - Texas Instruments LM3204 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
LM3204
www.ti.com
SNVS351C – JUNE 2005 – REVISED APRIL 2013
Table 2. Suggested Capacitors and Suppliers
Model
Size (EIA)
Vendor
LMK212BJ475MG
2012 (0805)
Taiyo-Yuden
C2012X5R1A475K
2012 (0805)
TDK
C3216X5R1A106K
3216 (1206)
TDK
The DC bias characteristics of the capacitor must be considered when making the selection. If smaller case size
such as 1608 (0603) is selected, the dc bias could reduce the cap value by as much as 40%, in addition to the
20% tolerances and 15% temperature coefficients. Request dc bias curves from manufacturer when making
selection. The device has been designed to be stable with output capacitors as low as 3
μF to account for
capacitor tolerances. This value includes dc bias reduction, manufacturing tolerances and temp coefficients.
The input filter capacitor supplies AC current drawn by the PFET switch of the LM3204 in the first part of each
cycle and reduces the voltage ripple imposed on the input power source. A 0.1µF capacitor is also recommended
close to VDD pin. The output filter capacitor absorbs the AC inductor current, helps maintain a steady output
voltage during transient load changes and reduces output voltage ripple. These capacitors must be selected with
sufficient capacitance and sufficiently low ESR (Equivalent Series Resistance) to perform these functions. The
ESR of the filter capacitors is generally a major factor in voltage ripple.
DSBGA PACKAGE ASSEMBLY AND USE
Use of the DSBGA package requires specialized board layout, precision mounting and careful re-flow
techniques, as detailed in TI Application Note 1112 (SNVA009) . Refer to the section Surface Mount Technology
(SMD) Assembly Considerations. For best results in assembly, alignment ordinals on the PC board should be
used to facilitate placement of the device. The pad style used with DSBGA package must be the NSMD (non-
solder mask defined) type. This means that the solder-mask opening is larger than the pad size. This prevents a
lip that otherwise forms if the solder-mask and pad overlap, from holding the device off the surface of the board
and interfering with mounting. See Application Note 1112 (SNVA009) for specific instructions how to do this. The
10-Bump package used for the LM3204 has 300 micron solder balls and requires 10.82 mil pads for mounting on
the circuit board. The trace to each pad should enter the pad with a 90° entry angle to prevent debris from being
caught in deep corners. Initially, the trace to each pad should be 6-7 mil wide, for a section approximately 6 mil
long or longer, as a thermal relief. Then each trace should neck up or down to its optimal width. The important
criterion is symmetry. This ensures the solder bumps on the LM3204 re-flow evenly and that the device solders
level to the board. In particular, special attention must be paid to the pads for bumps B3, C3 and D3. Because
PGND and PVIN are typically connected to large copper planes, inadequate thermal relief can result in
inadequate re-flow of these bumps.
The DSBGA package is optimized for the smallest possible size in applications with red or infrared opaque
cases. Because the DSBGA package lacks the plastic encapsulation characteristic of larger devices, it is
vulnerable to light. Backside metallization and/or epoxy coating, along with front-side shading by the printed
circuit board, reduce this sensitivity. However, the package has exposed die edges. In particular, DSBGA
devices are sensitive to light, in the red and infrared range, shining on the package’s exposed die edges.
Do not use or power-up the LM3204 while subjecting it to high intensity red or infrared light; otherwise degraded,
unpredictable or erratic operation may result. Examples of light sources with high red or infrared content include
the sun and halogen lamps. Place the device in a case opaque to red or infrared light.
BOARD LAYOUT CONSIDERATIONS
PC board layout is an important part of DC-DC converter design. Poor board layout can disrupt the performance
of a DC-DC converter and surrounding circuitry by contributing to EMI, ground bounce, and resistive voltage loss
in the traces. These can send erroneous signals to the DC-DC converter, resulting in poor regulation or
instability. Poor layout can also result in re-flow problems leading to poor solder joints between the DSBGA
package and board pads. Poor solder joints can result in erratic or degraded performance. Good layout for the
LM3204 can by implemented by following a few simple design rules.
1. Place the LM3204 on 10.82 mil pads. As a thermal relief, connect to each pad with a 7 mil wide,
approximately 7 mil long traces, and when incrementally increase each trace to its optimal width. The
important criterion is symmetry to ensure the solder bumps on the LM3204 re-flow evenly (see DSBGA
PACKAGE ASSEMBLY AND USE).
2. Place the LM3204, inductor and filter capacitors close together and make the trace short. The traces
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LM3204



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com